Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE110 Datasheet HTML 3Page - Texas Instruments TNETE110 Datasheet HTML 4Page - Texas Instruments TNETE110 Datasheet HTML 5Page - Texas Instruments TNETE110 Datasheet HTML 6Page - Texas Instruments TNETE110 Datasheet HTML 7Page - Texas Instruments TNETE110 Datasheet HTML 8Page - Texas Instruments TNETE110 Datasheet HTML 9Page - Texas Instruments TNETE110 Datasheet HTML 10Page - Texas Instruments TNETE110 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
PCI INTERFACE (CONTINUED)
PREQ
134
I/O
PCI bus request. PREQ is asserted by the TNETE110 to request control of the PCI bus. This is not a
shared signal.
PRST
129
I
PCI reset signal
PSERR
25
O/D
PCI system error. PSERR indicates parity errors or special-cycle data-parity errors.
PSTOP
23
I/O
PCI stop. PSTOP indicates the current target is requesting the master to stop the current transaction.
BIOS ROM / LED DRIVER INTERFACE
EAD7
EAD6
EAD5
EAD4
EAD3
EAD2
EAD1
EAD0
54
55
56
57
59
60
61
62
I/O
EPROM address / data. EAD[0 –7] is a multiplexed byte bus that is used to address and to read data
from an external BIOS ROM.
• On the cycle when EXLE is asserted low, EAD[0–7] is driven with the high byte of the
address.
• On the cycle when EALE is asserted low, EAD[0–7] is driven with the low byte of the
address.
• When EOE is asserted, BIOS ROM data should be placed on the bus.
These pins can be used also to drive external status LEDs. Low-current (2 – 5 mA) LEDs can be
connected directly through appropriate resistors. High-current LEDs can be driven through buffers
or from the BIOS ROM address latches.
EALE
65
O
EPROM address latch enable. EALE is driven low to latch the low (least significant) byte of the BIOS
ROM address from EAD[0 –7].
EOE
64
O
EPROM output enable. When EOE is active (low), EAD[0 –7] is 3-stated and the output of the BIOS
ROM should be placed on EAD[0 –7].
EXLE
66
O
EPROM extended address-latch enable. EXLE is driven low to latch the high (most significant) byte
of the BIOS ROM address from EAD[0 –7].
CONFIGURATION EEPROM INTERFACE
EDCLK
68
O
EEPROM data clock. EDCLK transfers serial clocked data to the 2K-bit serial EEPROMs (24C02) (see
Note 1).
EDIO
69
I/O
EEPROM data I / O. EDIO is the bidirectional serial data / address line to the 2K-bit serial EEPROM
(24C02). EDIO requires an external pullup for EEPROM operation. Tying EDIO to ground disables the
EEPROM interface and prevents autoconfiguration of the PCI configuration register.
MANAGEMENT DATA PINS
MDCLK
91
O
Management data clock. MDCLK is part of the serial management interface to physical-media
independent (PMI)/PHY chip.
MDIO
93
I/O
Management data I / O. MDIO is part of the serial management interface to PMI/PHY chip.
NETWORK INTERFACE (10 Base-T AND AUI)
ACOLN
ACOLP
111
109
A
AUI receive pair. ACOLN and ACOLP are differential line receiver inputs and connect to the receive
pair through transformer isolation, etc.
ARCVN
ARCVP
108
106
A
AUI receive pair. ARCVN and ARCVP are differential line receiver inputs and connect to the receive
pair through transformer isolation, etc.
AXMTP
AXMTN
99
100
A
AUI transmit pair. AXMTP and AXMTN are differential line transmitter outputs.
FATEST
118
A
Analog test pin. FATEST provides access to the filter of the reference PLL. This pin must be left as a
no connect.
FIREF
116
A
Current reference. FIREF is used to set a current reference for the analog circuitry.
† I = input, O = output, I / O = 3-state input / output, O / D = open-drain output, A = analog
NOTE 1: This pin should be tied to VDD with a 4.7-kW – 10-kW pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com