Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETE110 Datasheet HTML 2Page - Texas Instruments TNETE110 Datasheet HTML 3Page - Texas Instruments TNETE110 Datasheet HTML 4Page - Texas Instruments TNETE110 Datasheet HTML 5Page - Texas Instruments TNETE110 Datasheet HTML 6Page - Texas Instruments TNETE110 Datasheet HTML 7Page - Texas Instruments TNETE110 Datasheet HTML 8Page - Texas Instruments TNETE110 Datasheet HTML 9Page - Texas Instruments TNETE110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
6
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
PCI INTERFACE (CONTINUED)
PAD7
42
PAD6
43
PAD5
45
PAD4
46
I/O
PCI address / data bus Byte 0 (least significant byte LSByte) of the PCI address / data bus
PAD3
47
I/O
PCI address / data bus. Byte 0 (least significant byte, LSByte) of the PCI address / data bus
PAD2
49
PAD1
50
PAD0
51
PCLK
131
I
PCI clock. PCLK is the clock reference for all PCI bus operations. All other PCI pins except PRST and
PINTA are sampled on the rising edge of PCLK. All PCI bus timing parameters are defined with respect
to this edge.
PCLKRUN
53
I/O ‡
Clock run control. PCLKRUN is the active-low PCI clock request /grant signal that allows the
TNETE110 to indicate when an active PCI clock is required. (This is an open drain.)
PC / BE3
PC / BE2
PC / BE1
PC / BE0
2
16
28
41
I/O
PCI bus command and byte enables: PC / BE3 enables byte 3 (MSByte) of the PCI address / data bus.
PC / BE2 enables byte 2 of the PCI address / data bus.
PC / BE1 enables byte 1 of the PCI address / data bus.
PC / BE0 enables byte 0 of the PCI address / data bus.
PDEVSEL
21
I/O
PCI device select. PDEVSEL indicates that the driving device has decoded one of its addresses as
the target of the current access. The TNETE110 drives PDEVSEL when it decodes an access to one
of its registers. As a bus master, the TNETE110 monitors PDEVSEL to detect accesses to illegal
memory addresses.
PFRAME
17
I/O
PCI cycle frame. PFRAME is driven by the active bus master to indicate the beginning and duration
of an access. It is asserted to indicate the start of a bus transaction. PFRAME remains asserted during
the transaction, and is deasserted only in the final data phase.
PGNT
132
I
PCI bus grant. PGNT is asserted by the system arbiter to indicate that the TNETE110 has been granted
control of the PCI bus.
PIDSEL
4
I
PCI initialization device select. PIDSEL is the chip select for access to the PCI configuration registers.
PINTA
128
O/D
PCI interrupt. PINTA is the interrupt request from the TNETE110. PCI interrupts are shared, so this is
an open-drain (wired-OR) output.
PIRDY
19
I/O
PCI initiator ready. PIRDY is driven by the active bus master to indicate that it is ready to complete the
current data phase of a transaction. A data phase is not completed until both PIRDY and PTRDY are
sampled. When the TNETE110 is a bus master, it uses PIRDY to align incoming data on reads or
outgoing data on writes with its internal RAM access synchronization (maximum of one cycle at the
beginning of burst). When the TNETE110 is a bus slave, it extends the access appropriately until both
PIRDY and PTRDY are asserted.
PTRDY
20
I/O
PCI target ready. PTRDY is driven by the selected device (bus slave or target) to indicate that it is ready
to complete the current data phase of a transaction. A data phase is not completed until both PIRDY
and PTRDY are sampled.
ThunderLAN uses PTRDY to ensure every direct I/O (DIO) operation is interlocked correctly.
PPAR
27
I/O
PCI parity. PPAR carries even parity across PAD[0–31] and PC / BE[0–3]. It is driven by the TNETE110
during all address and write cycles as a bus master and during all read cycles as a bus slave.
PPERR
24
I/O
PCI parity error. PPERR indicates a data parity error on all PCI transactions except special cycles.
† I = input, I / O = 3-state input / output, O / D = open-drain output
‡ Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com