Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETE110 Datasheet HTML 9Page - Texas Instruments TNETE110 Datasheet HTML 10Page - Texas Instruments TNETE110 Datasheet HTML 11Page - Texas Instruments TNETE110 Datasheet HTML 12Page - Texas Instruments TNETE110 Datasheet HTML 13Page - Texas Instruments TNETE110 Datasheet HTML 14Page - Texas Instruments TNETE110 Datasheet HTML 15Page - Texas Instruments TNETE110 Datasheet HTML 16Page - Texas Instruments TNETE110 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
recommended operating conditions (physical layer pins) (see Note 8)
JEDEC SYMBOL
MIN
NOM
MAX
UNIT
VDD Supply voltage
4.75
5
5.25
V
TC
Operating case temperature
0
95
°C
NOTES:
8. Physical layer pins include VDDOSC,VDDR,VDDT,VDDVCO,ACOLN,ACOLP,ARCVN,ARCVP,AXMTP,AXMTN,FATEST,FIREF,
FRCVN, FRCVP, FXTL1, FXTL2, FXMTP, and FXMTN.
recommended operating conditions (10 Base-T receiver input pins)
PARAMETER
JEDEC SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VI(DIFF)
Differential input voltage
VID
0.6
2.8
V
I(CM)
Common-mode current
IIC
4
mA
recommended operating conditions (AUI receiver input pins)
PARAMETER
JEDEC SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VI(DIFF)1
Differential input voltage 1
VID(1)
See Note 9
0
3
V
VI(DIFF)2
Differential input voltage 2
VID(2)
See Note 10
0
100
mV
9. Common-mode frequency range: 10 Hz to 40 kHz
10. Common-mode frequency range: 40 kHz to 10 MHz
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(physical layer pins)
10 Base-T receiver input (FRCVP, FRCVN)
PARAMETER
JEDEC SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSQ+
Rising input pair squelch threshold
VCM = VSB,
See Note 11
270
mV
VSQ–
Falling input pair squelch threshold
VCM = VSB,
See Note 11
– 270
mV
NOTE 11: VSB is the self-bias voltage of the input pins FRCVP and FRCVN.
10 Base-T transmitter drive characteristics (FXMTP, FXMTN)
PARAMETER
JEDEC SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSLW
Differential voltage at specified slew rate
VOD(SLEW)
"2.2
"2.8
V
VO(CM)
Common-mode output voltage
VOC
See Figure 3(d) &
3(e)
0
4
V
VO(DIFF)
Differential output voltage
VOD
Into open circuit
5.25
V
VO(I)
Output idle differential voltage
VOD(IDLE)
"50
mV
IO(FC)
Output current, fault condition
IO(FC)
300†
mA
† Assured by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com