Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETE110 Datasheet HTML 4Page - Texas Instruments TNETE110 Datasheet HTML 5Page - Texas Instruments TNETE110 Datasheet HTML 6Page - Texas Instruments TNETE110 Datasheet HTML 7Page - Texas Instruments TNETE110 Datasheet HTML 8Page - Texas Instruments TNETE110 Datasheet HTML 9Page - Texas Instruments TNETE110 Datasheet HTML 10Page - Texas Instruments TNETE110 Datasheet HTML 11Page - Texas Instruments TNETE110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
FXMTP
FXMTN
97
98
A
10 Base-T transmit pair. FXMTP and FXMTN are differential line transmitter outputs.
RESERVED
120
I
Reserved. Tie this pin low.
FRCVN
FRCVP
105
103
A
10 Base-T receive pair. FRCVN and FRCVP are differential line receiver inputs and connect to the
receive pair through transformer isolation, etc.
FXTL1
FXTL2
113
114
A
Crystal oscillator pins. Drive FXTL1 and FXTL2 from a 20-MHz crystal oscillator module
POWER
VDDI
6, 14,
34, 48,
122,
136,
142
PWR
PCI VDD pins. VDDI pins provide power for the PCI I/O pin drivers. Connect VDDI pins to a 5-V power
supply when using 5-V signals on the PCI bus. Connect VDDI pins to a 3-V power supply when using
3-V signals on the PCI bus
VDDL
22, 37,
58, 70
79, 84
94, 130
PWR
Logic VDD pins (5 V). VDDL pins provide power for internal TNETE110 logic and they always should
be connected to 5-V power supply.
VDDOSC
115
PWR
Analog power pin. VDDOSC is the 5-V power for the crystal oscillator circuit.
VDDR
104
107
PWR
Analog power pin. VDDR is the 5-V power for the receiver circuitry.
VDDT
96
PWR
Analog power pin. VDDT is the 5-V power for the transmitter circuitry.
VDDVCO
117
PWR
Analog power pin. VDDVCO is the 5-V power for the voltage controller oscillator (VCO) and filter input.
VSSI
3, 10,
26, 31,
40, 52,
67, 88,
127,
139
PWR
PCI I / O ground pins
VSSL
18, 44,
63, 75,
92, 133
PWR
Logic ground pins
VSSOSC
112
PWR
Analog power pin. Ground for crystal oscillator circuit
VSSR
102
110
PWR
Analog power pin. Ground for receiver circuitry
VSST
101
PWR
Analog power pin. Ground for transmitter circuitry
VSSVCO
119
PWR
Analog power pin. Ground for VCO and filter input
† I = input, A = analog, PWR = power
architecture
The major blocks of the TNETE110 include the PCI interface (PCIIF), the protocol handler (PH), the physical
layer (PHY), the FIFO pointer registers (FPREGS), the FIFO SRAM (FSRAM), and a test-access port (TAP).
The functionality of these blocks is described in the following sections.
PCI interface (PCIIF)
The TNETE110 PCIIF contains a byte-aligning DMA controller that allows frames to be fragmented into any byte
length and transferred to any byte address while supporting 32-bit data streaming. For multipriority networks,
it can provide multiple data channels, each with separate lists, commands, and status. Data for the channels
is passed to and from the PH by way of circular buffer FIFOs in the SRAM, which are controlled through FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com