Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 3 Page - Texas Instruments

  TNETE110 Datasheet HTML 1Page - Texas Instruments TNETE110 Datasheet HTML 2Page - Texas Instruments TNETE110 Datasheet HTML 3Page - Texas Instruments TNETE110 Datasheet HTML 4Page - Texas Instruments TNETE110 Datasheet HTML 5Page - Texas Instruments TNETE110 Datasheet HTML 6Page - Texas Instruments TNETE110 Datasheet HTML 7Page - Texas Instruments TNETE110 Datasheet HTML 8Page - Texas Instruments TNETE110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description
ThunderLAN is a high-speed networking architecture that provides a complete PCI-to-10 Base-T/AUI Ethernet
solution. The TNETE110, an implementation of the ThunderLAN architecture, is an intelligent network protocol
interface. The ThunderLAN SRAM FIFO-based architecture eliminates the need for external memory and offers
a single-chip glueless PCI-to-10 Base-T/AUI (IEEE 802.3) solution with an on-board physical layer interface.
PCI
Bus
PCI
Bus Master
Control
FIFO
Registers
Multiplexed
SRAM
FIFO
Ethernet
LAN
Controller
10 Mbps
10 Base-T
Physical
Layer
Interface
10 Base-T
Ethernet
10 Base-5
(AUI)
Figure 1. ThunderLAN Architecture
The glueless PCI interface supports 32-bit streaming, operates at speeds up to 33 MHz and is capable of
internal data transfer rates up to 2 Gbps, taking full advantage of all available PCI bandwidth. The TNETE110
offers jumperless autoconfiguration using PCI configuration read / write cycles. Customizable configuration
registers, which can be autoloaded from an external serial EEPROM, allow designers of TNETE110-based
systems to give their systems a unique identification code. The TNETE110 PCI interface, developed in
conjunction with other leaders in the semiconductor and computer industries, has been tested vigorously on
multiple platforms to ensure compatibility across a wide array of available PCI products. In addition, the
ThunderLAN drivers and ThunderLAN architecture use TI’s patented Adaptive Performance Optimization
(APO) technology to adjust critical parameters dynamically for minimum latency, minimum host CPU utilization,
and maximum system performance. This technology ensures that the maximum capabilities of the PCI interface
are used by automatically tuning the adapter to the specific system in which it is operating.
An intelligent protocol handler (PH) implements the serial protocols of the network. The PH is designed for
minimum overhead related to multiple protocols, using common state machines to implement 95% of the total
protocol handler. On transmit, the PH serializes data, adds framing and cyclic redundancy check (CRC) fields,
and interfaces to the network physical layer (PHY) chip. On receive, it provides address recognition, CRC and
error checking, frame disassembly, and deserialization. Data for multiple channels is passed to and from the
PH by way of circular buffer pointers in the FIFO SRAM.
Compliant with IEEE Standard 1149.1, the TNETE110 provides a 5-pin test-access port that is used for
boundary-scan testing.
The TNETE110 is available in a 144-pin quad flat package (PCE suffix).
TI is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com