Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110 Datasheet(PDF) 20 Page - Texas Instruments

Part # TNETE110
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TNETE110 Datasheet HTML 16Page - Texas Instruments TNETE110 Datasheet HTML 17Page - Texas Instruments TNETE110 Datasheet HTML 18Page - Texas Instruments TNETE110 Datasheet HTML 19Page - Texas Instruments TNETE110 Datasheet HTML 20Page - Texas Instruments TNETE110 Datasheet HTML 21Page - Texas Instruments TNETE110 Datasheet HTML 22Page - Texas Instruments TNETE110 Datasheet HTML 23Page - Texas Instruments TNETE110 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements of BIOS ROM and LED interface (see Figure 7)†
MIN
MAX
UNIT
tsu
Setup time, data
250
ns
th
Hold time, data
0
ns
switching characteristics of BIOS ROM and LED interface (see Figure 7)†
PARAMETER
MIN
MAX
UNIT
td(EADV-EXLEL)
Delay time, address high byte valid to EXLE low (address high byte setup time for external
latch)
0
ns
td(EXLEL-EADZ)
Delay time, EXLE low to address high byte invalid (address high byte hold time for external
latch)
10
ns
td(EADV-EALEL)
Delay time, address low byte valid to EALE low (address low byte setup time for external latch)
0
ns
td(EALEL-EADZ)
Delay time, EALE low to address low byte invalid (address low byte hold time for external latch)
10
ns
ta
Access time, data valid after EALE goes low
288
ns
† The EPROM interface, consisting of 11 pins, requires only two TTL ’373 latches to latch the high and low addresses.
td(EADV-EXLEL)
EAD[0–7]
EXLE
EALE
td(EXLEL-EADZ)
ta
tsu
th
Data
td(EALEL-EADZ)
High
Address
Low
Address
td(EADV-EALEL)
EOE
Figure 7. BIOS ROM and LED Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com