Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 27 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 27 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 23Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 24Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 25Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 26Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 27Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 28Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 29Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 30Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 31Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
24-bit Delta-Sigma
Intersil Signal Path Products  2012  www.intersil.com
27
24-bit ADCs: ISL26102, ISL26104
24-bit ADCs: ISL26132, ISL26134
Industry-Leading
Noise Performance
Up to 4000SPS
with Full Firmware
Programmability
Easy to Use ADC
with Excellent Noise
Performance at
Low Cost
Low Noise
Highly Integrated
Low Noise
Highly Integrated
• Best-in-Class Performance
• Lowest Noise over 2.5SPS-4000SPS
• Low Noise PGA with Buffer
- Just 5.6nV/√Hz at 1Hz
• Simultaneous 50/60 Hz Noise Rejection
• 2 & 4 Ch Differential Input Multiplexer
- AVDD Monitor, Onboard Temperature Sensor
• Low Power
- 5V Analog, 5.5V / 2.7V Digital Supplies
- 50mW power dissipation, 1µA Shutdown mode
- Low Side Power Switch manages Load Cell Power
• SPI Compatible Serial Interface
- Access to Calibration Registers
• 24 / 28 Pin TSSOP Package
• Extended Industrial Temp Range (-40ºC - 105ºC)
• Robust ESD Rating - 8kV HBM
• Drop-In Compatible with ADS1232/34
- Improved Performance with no change in
circuitry
• 10SPS, 80SPS Operation
• Best in Class Performance – 21.6 Bits noise-free
(Gain = 1)
• Low Noise PGA with Buffer
• Simultaneous 50/60 Hz Noise Rejection
• 2 & 4 Channel, Differential-input Multiplexer
• All Functions Pin-programmed
• Low Power: 53mW (max), 1µA in Shutdown mode
- 5V Analog, 5.5V / 2.7V Digital Supplies
• Easy-to-Use SPI-compatible Serial Interface
• 24 / 28 Pin TSSOP Package
• Extended Industrial Temp Range (-40ºC - 105ºC)
• Robust ESD Rating – 7.5kV HBM
• Samples and Evaluation Board available
Key Features
Key Features
ΔΣ
ADC
PGA
1, 2, 4, 8,16,
32, 64, 128
Internal Clock
SDO/RDY
SCLK
DVDD
AVDD
DGND
DGND
XTALIN/
CLOCK
VREF+
External
Oscillator
XTALOUT
VREF-
AIN1+
AIN1-
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
Input
Multiplexer
ISL26104
Only
CAP
CAP
SDI
DGND
DGND
CS
LSPS
AGND
DVDD
PWDN
On-Chip
Temp Sensor
ISL26102, ISL26104
Noise Spectral Density, 80SPS, PGA Gain = 1
ISL26134 128X Gain
Competitor A 128X Gain
ADC
PGA
1x/2x/64x/
128x
INTERNAL
CLOCK
SDO/RDY
SCLK
DVDD
AVDD
DGND
AGND
XTALIN/CLOCK
VREF+
EXTERNAL
OSCILLATOR
XTALOUT
VREF-
A1/TEMP
A0
AIN1+
AIN1-
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
ISL26134
Only
CAP
CAP
GAIN1
GAIN0
PWDN
SPEED
DGND
DGND
ISL26132, ISL26134
∆∑
INPUT
MUX
• At 10SPS, 128x Gain ISL26134 noise is 5.6nV/√Hz
• Competitor A shows 10.2nV/√Hz
Evalboard
Available!
Evalboard
Available!
0.1
1
10
100
1000
0.1
1
10
100
Frequency (Hz)
0.1
1
10
100
1000
0.1
1
10
100
Frequency (Hz)
10
100
1000
10000
100000
0.1
1
10
100
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com