Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 29 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 29 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 25Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 26Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 27Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 28Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 29Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 30Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 31Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 32Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 33Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
8, 10, 12-bit SAR
Intersil Signal Path Products  2012  www.intersil.com
29
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
OUTPUT CODE
ISL267450A
A Perfect SAR A/D
Converter for
Low-Cost Industrial
Applications
Ultra Small Package
Superior ±0.3 LSB (typ) Differential Non-Linearity
Block Diagram
8, 10, 12 bit, 20kSPS – 1MSP SAR A/D Converter Family: ISL267xx
• Upgrade to Popular ADI, TI Products
• 100% Drop-In Compatible with Performance
Equal or Better Than Highest Grades
• 10 and 12-bit Resolution
• All Single-Channel Inputs
• 20kSPS to 1MSPS Conversion Rates
• Robust Design for Industrial Ppplications with
8kV ESD Rating
• Popular 8-lead MSOP, SOIC, and SOT-23
Packages
• Specified for Operation Over Industrial
Temperature Range (-40ºC-85ºC)
• Competitively Priced
- 1K resale $3.99, 16% lower than competitors*
• Also Proprietary 8, 10, 12-bit 1MSPS Devices in
3x3mm µTDFN
Key Features
The new ISL267xx family of 1MSPS SAR
ADCs offer users of popular single-channel
10 and 12-bit ADCs from ADI and TI a 100%
compatibility drop-in alternative, featuring
improved performance with a rugged 8kV
ESD rating and a competitive price, in all
popular 8-lead packages. This family also
includes proprietary 8, 10, and 12-bit devices
in industry-leading microTDFN packages,
resulting in a unique combination of
performance and compact size.
Intersil P/N
Competitor’s P/N
Resolution (bits)
Conversion Rate (kSPS)
Packages (all 8 lead)
ISL267440
AD7440 (ADI)
10
1000
SOT-23, MSOP
ISL267450
AD7450 (ADI)
12
1000
SOIC, MSOP
ISL267450A
AD7450A (ADI)
12
1000
SOT-23, MSOP
ISL267452
AD7452 (ADI)
12
555
SOT-23
ISL2671286
ADS1286 (TI)
12
20
SOIC
ISL267817
ADS7817 (TI)
12
200
SOIC, MSOP
ISL26708
Upgrade
8
1000
3x3 µTDFN, SOT-23
ISL26710
Upgrade
10
1000
3x3 µTDFN, SOT-23
ISL26712
Upgrade
12
1000
3x3 µTDFN, SOT-23
• 3x3mm 8 Ld µTDFN
Serial
Interface
VDD
VREF
GND
AIN+
AIN–
SCLK
DOUT
CSB
SAR
Logic
VREF
ISL267xx
* at time of publication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com