Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 43 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 43 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 36Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 37Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 38Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 39Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 40Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 41Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 42Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 43Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 44Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
43
High Voltage LDO: ISL6719
High Voltage LDO/Linear Regulators
Device
Device Description
VIN (min)
(V)
VIN (max)
(V)
VOUT (min)
(V)
VOUT (max)
(V)
IOUT (max)
(mA)
IQ
Package
ICL7663S
CMOS Programmable Micropower Positive Voltage
Regulator
1.6
16
1.3
16
40
12µA
8 Ld PDIP, 8 Ld SOIC
ISL6719
100V Linear Bias Supply
17
100
1.5
20
100
1.1mA
9 Ld DFN
ISL6720A
100V Triple Linear Bias Supply
17
100
0
20
125
1.2mA
11 Ld DFN
ISL78307
40V, Low Quiescent Current, 50mA Linear Regulator
for Automotive Applications
6
40
2.5
12
50
18µA
8 Ld EPSOIC
100V Linear
Regulator Typical
Application
• Industry’s First Dual 100V Linear
Regulator
• Up to 100mA Output Current
• Enable Capability with Over-Current &
Over-Temp Protection
• High Efficiency Bias for Both Isolated and
Non-isolated Applications
• Small Form Factor DFN Package
Key Features
VIN
+
VIN-
RETURN
+VOUT
ISL6719
CONVERTER POWER STAGE
PWM
FEEDBACK
AMPLIFIER
C3
220pF
C2
1.0μF
1
VSW_FB
VPWR
COMPB
VSW
AUXIN
2
5
7
8
9
3
4
6
COMPA
ENABLE
ENABLE_N
GND
R1
R2
17V TO 100V
C1
ENABLE
DISABLE
Low Voltage LDO/Linear Regulators (continued)
Device
Device Description
VIN Range
(V)
VOUT
Range
(V)
O/P Volt
Accuracy
(%)
IOUT1
(max)
IOUT2
(max)
PSRR
@ 1kHz
(dB)
IQ
(μA)
Typical
Drop-Out
Voltage (mV)
Enable/
Shutdown
Package
ISL80101-
ADJ
High Performance 1A LDO
2.2 to 6.0 0.8 to 5.0
±1.8
1A
N/A
58
3mA
130 @ 1A
Y
10 Ld DFN
ISL80101A
High Performance 1A Linear Regulator with
Programmable Current Limiting
2.2 to 6.0 0.8 to 5.0
±2.0
1A
N/A
48
3mA
212 @ 1A
Y
10 Ld DFN
ISL80121-5
1A Ultra Low Dropout Linear Regulator with
Programmable Current Limiting
2.2 to 6.0 0.8 to 5.0
±1.8
1A
N/A
40
3mA
130 @ 1A
Y
10 Ld DFN
ISL80102
High Performance 2A Linear Regulator
2.2 to 6.0 0.8 to 5.0
±1.8
2A
N/A
55
7.5mA
81 @ 2A
Y
10 Ld DFN
ISL80103
High Performance 3A Linear Regulator
2.2 to 6.0 0.8 to 5.0
±1.8
3A
N/A
55
7.5mA
120 @ 3A
Y
10 Ld DFN
* Product available on military temperature plastic program (Visit http://www.intersil.com/space/VID.asp for further information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com