Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 17Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 18Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 19Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 20Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 21Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 22Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 23Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
Intersil Signal Path Products  2012  www.intersil.com
Vref
(with trim)
i.e. ISL21009
Trim System Errors
Trimmable Voltage Reference
V
IN
V
W
V
L
V
H
R1
R2
V
O
Temp
Trim
GND
V
OUT
Controls
Center
Frequency
Tunable Bandpass Filter IGMF Model
R1
C1
C2
R2
R3
V
S
V
O
-
+
Controls
Cutoff
Frequency
Controls Passband
Gain
Low Pass Filter
Programmable Filter and Gain Block
R1
R
C
R2
V
S
-
+
V
O
Non-Inverting Filter
Adjust Offset, Gain,
DC Signal Control
Programmable Inverting Amplifier
GND
5V
-5V
-
+
V
CC
V
L
V
O
V
H
V
W
R1
R2
Programmable Voltage Regulator
100kΩ
V
O (Reg)
VIN (UNREG)
[≥(V
O + IV)]
R
(10kΩ)
Voltage
Regulator
ERROR
SHUTDOWN
Controls Output
Voltage
• Voltage Amplifier
• Filter
• Voltage Reference
• Voltage Regulator
DCPs Enable Digitally Controlled Analog Signal Processing
DCPs allow for digital flexibility in an analog circuit. DCPs provide a link between the digital and analog domains in
the system, allowing repeatable control and configuration of analog circuitry. This approach is typically more power-
efficient than computationally intensive digital signal processing. For more information, please see AN133.
Digital Potentiometers
Digitally Programmable
Vref Adjustment
Adjust Both Charge Current and Input
Current on Portable Devices
Volatile: ISL233x5, ISL234x5, ISL233x8, ISL234x8
128-tap and 256-tap I2C
and SPI Volatile Digital
Potentiometers
Specification
Intersil
Competition
Benefit
Analog Voltage 1.7V to 5.5V
1.8V to 5.5V
2.7V to 5.5V
Operational when battery
starts draining.
Digital Voltage
1.2V to 5.5V
Same as analog
voltage, lowest is
1.8V
Eliminate level shifter for I2C/
SPI when µC has low voltage
I/O pins.
Low Current
Consumption
2.5µA - 1CH
3µA - 2CH
5µA - 4CH
Up to 2x more power
consumption
Drains up to 50% less battery
power.
Type
Part #
Intersil
Competition
Benefit
Single
ISL23315,
ISL23415,
ISL23318,
ISL23418
µTQFN (2.1x1.6mm)
SC-70 (2x2.1mm)
20% Smaller
Dual
ISL23325,
ISL23425,
ISL23328,
ISL23428
µTQFN (2.6x1.8mm)
QFN (4x4mm)
48% Smaller
Quad
ISL23345,
ISL23445,
ISL23348,
ISL23448
QFN (3x4mm)
QFN (4x4mm)
25% Smaller
Lowest Voltage
Smaller Package
VREF_M
VREF
ISL23415
ISL28114
RH
RW
RL
_
+
Also offered in leaded packages for easy design-in
I Path Switching
Battery Charger
DCP 2
Charging Rate Limit
Bat
GND
Sys
USB
DCP1
for USB Input Limit
LTE Sys
Battery
ISL23315
Or
½ ISL23325
ISL23315
Or
½ ISL23325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com