Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 42 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 42 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 36Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 37Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 38Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 39Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 40Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 41Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 42Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 43Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 44Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
42
Intersil Signal Path Products  2012  www.intersil.com
Fast Transient
Response 1A LDOs
Ultra Fast Transient Response
Best in Class Accuracy
Typical Application Circuit
VIN
PG
ENABLE
SS
GND
VIN
1
2
5
4
7
10
9
6
10k
100k
10µF
5.0V ± 5%
3.3V
ADJ
2.61k
0.464k
ISL80101A
CSS
CPB
COUT
R1
0.01µF
R3
R2
100pF
3
8 ISET
RSET
10µF
CIN
VOUT
VOUT
0.495
0.496
0.497
0.498
0.499
0.500
0.501
0.502
0.503
0.504
0.505
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VADJ vs Temperature
Load Transient Rresponse
VOUT AT 50mV/DIV
IOUT = 1A
IOUT = 10mA
TIME (20µs/div)
LDO / Linear Regulators
Low Voltage LDO: ISL80101A
Device
Device Description
VIN Range
(V)
VOUT
Range
(V)
O/P Volt
Accuracy
(%)
IOUT1
(max)
IOUT2
(max)
PSRR
@ 1kHz
(dB)
IQ
(μA)
Typical
Drop-Out
Voltage (mV)
Enable/
Shutdown
Package
ISL9003A
Low Noise LDO with Low IQ, High PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
150mA
N/A
90
29
200 @150mA
Y
5 Ld SC-70, 6
Ld µTDFN
ISL9008A
Low Noise LDO with Low IQ, High PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
150mA
N/A
65
45
200 @150mA
Y
5 Ld SC-70, 6
Ld µTDFN
ISL9011A
Dual LDO with Low Noise, Low IQ, and High
PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
150mA 300mA
70
45
250 @ 300mA
Y
10 Ld DFN
ISL9012
Dual LDO with Low Noise, Low IQ, and High
PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
150mA 300mA
70
45
250 @ 300mA
Y
10 Ld DFN
ISL9016
150mA Dual LDO with Low Noise, High PSRR,
and Low IQ
1.8 to 6.5 1.2 to 3.3
±1.8
150mA 150mA
80
49
250 @ 150mA
Y
6 Ld µTDFN
ISL9021A
250mA Single LDO with Low IQ, Low Noise and
High PSRR LDO
1.5 to 5.5 0.9 to 3.3
±1.8
250mA
N/A
60
35
150 @ 250mA
Y
4 Ld WLCSP,
6 Ld µTDFN
ISL9000A*
Dual LDO with Low Noise, Very High PSRR, and
Low IQ
2.3 to 6.5 1.5 to 3.3
±1.8
300mA 300mA
90
40
250 @ 300mA
Y
10 Ld DFN
ISL9001A
LDO with Low ISUPPLY, High PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
300mA
N/A
90
25
250 @ 300mA
Y
8 Ld DFN
ISL9005A
LDO with Low ISUPPLY, High PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
300mA
N/A
75
50
250 @ 300mA
Y
8 Ld DFN
ISL9014A
Dual LDO with Low Noise, Low IQ, and High
PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
300mA 300mA
70
45
250 @ 300mA
Y
10 Ld DFN
ISL9007
High Current LDO with Low IQ and High PSRR
2.3 to 6.5 1.5 to 3.3
±1.8
400mA
N/A
75
50
250 @ 400mA
Y
8 Ld MSOP
ISL80101
High Performance 1A LDO
2.2 to 6.0 0.8 to 5.0
±1.8
1A
N/A
58
3mA
130 @ 1A
Y
10 Ld DFN
• 2.2V to 6V Input Voltage Range
• ±2% VADJ Accuracy Guaranteed Over
Line, Load and TJ = -40°C to +125°C
• Adjustable VOUT and OCL
• Very Fast Transient Response
• Programmable Soft-Start
• Very Low 212mV Dropout Voltage at
VIN = 4.5V
• High Accuracy Current Limit
Programmable Up to 1.75A
• Power-Good Output
• Over-Temperature Protection
• Small 10 Ld DFN Package
• Telecommunications and Networking
• Medical Equipment
• Instrumentation Systems
• USB Devices
• Gaming
• Routers and Switchers
Key Features
Applications
Low Voltage LDO/Linear Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com