Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 38 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 38 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 34Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 35Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 36Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 37Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 38Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 39Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 40Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 41Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 42Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
38
Intersil Signal Path Products  2012  www.intersil.com
Device
Number
Vout
Temp
Co
Initial
Acc
Temp
Range
Isy
Max
Vsy
Range
Noise
Low
Freq
Noise
High
Freq
Line
Reg
Load
Reg
Iout
Source/
Sink
Hyst LTD
Pkg
ppm/
°C
% Vout
@2.5V
°C
µA
Volts
µVp-p µVrms
µV/V
@
2.5V
µV/µA
@2.5V
mA
ppm
ppm
/1khr
ISL21009B
X
X
X X
3
0.02
-40 to 125 180
3.5 to
16.5
4.5
2.2
150
100
7/7
50
50
SOIC-8
ISL21007C
X
X X
X
5
0.08
-40 to 125 150 2.7 to 5.5
4.5
2.2
200
100
7/7
50
100
SOIC-8
ISL21009C
X
X
X X
5
0.08
-40 to 125 180
3.5 to
16.5
4.5
2.2
150
100
7/7
50
50
SOIC-8
ISL21090B
X
X
X X
7
0.02
-40 to 125 1280 3.7 to 36
1
1.6
45
42.5
20/10
TBD
20
SOIC-8
ISL21007D
X
X X
X
10
0.08
-40 to 125 150 2.7 to 5.5
4.5
2.2
200
100
7/7
50
100
SOIC-8
ISL21009D
X
X
X X
10
0.08
-40 to 125 180
3.5 to
16.5
4.5
2.2
150
100
7/7
50
50
SOIC-8
ISL21060B
(EN)
X X
X
X
10
0.04
-40 to 125 40 2.7 to 5.5
10
2.5
150
400
10/5
100 100 SOT23-6
X60003B
X X
10
0.02*
-40 to 85
0.9
4.5 to 9
30
NA
150
100
10/10
100
45 SOT23-3
X60003C
X X
20
0.05*
-40 to 85
0.9
4.5 to 9
30
NA
150
100
10/10
100
45 SOT23-3
ISL60002B
X X X
X X X X X X
20
0.04
-40 to 85
0.9 2.7 to 5.5
30
NA
350
250
7/7
100
50 SOT23-3
ISL60002C
X X X
X X X X X X
20
0.10
-40 to 85
0.9 2.7 to 5.5
30
NA
350
250
7/7
100
50 SOT23-3
ISL60002D
X X X
X X X X X X
20
0.49
-40 to 85
0.9 2.7 to 5.5
30
NA
350
250
7/7
100
50 SOT23-3
X60003D
X X
20
0.10*
-40 to 85
0.9
4.5 to 9
30
NA
150
100
10/10
100
45 SOT23-3
ISL21060C
(EN)
X X
X
X
25
0.10
-40 to 125 40 2.7 to 5.5
10
2.5
150
400
10/5
100 100 SOT23-6
ISL21070 X
X X
30
0.20
-40 to 85
25 2.7 to 5.5
30
10
250
100
7/10
20
50 SOT23-3
ISL21010
X
X X
X X
X X X
50
0.20
-40 to 125 80 2.7 to 5.5
58*
26*
130
110
25/1
100
50 SOT23-3
ISL21080
X X
X X
X X
X X X X
50
0.30
-40 to 85
1.5
2.7 to 8
30
52
350
350
7/7
100
50 SOT23-3
ISL21400
Programmable (0V to 1.2V) with Vout gain of 1, 2, or 4
*
2.00
-40 to 85 400 2.7 to 5.5
90
N/A
N/A
N/A
5/6
N/A N/A MSOP-8
ISL21440
1.182V ±0.5% with Comparator
*
0.50
-40 to 125 0.7
2 to 11
N/A
N/A
N/A
N/A
2/0.01
N/A N/A MSOP-8,
TDFN-8
Ultra Precision
ISL21009
• 3ppm/°C
• 4.5µVpp noise
• 5V - 16V input
• 180µA max
ISL21090
• 7ppm/°C
• 1µVpp noise
• 3.7V to 36V Input
ISL21060
• 10ppm/°C
• 40µA max
• 10µVpp noise
Low Cost
ISL60002 D-grade
• 900nA max
ISL21080
• 1.5µA max
ISL21070
• 25µA max
ISL21010
• 46µA typ
ISL21007 D-grade
• 150µA max
ISL21009 D-grade
• 180µA max
Adjustable/
Programmable
ISL21400
• Active temperature
compensation
VREF with
Comparator
ISL21440
• 0.7µA max
• 1.182V voltage
reference
Ultra Low Power
ISL60002
• 700nA max
X60003
• 900nA max
• 4.5V to 9V input
ISL21080
• 1.5µA max
ISL21070
• 25µA max
ISL21060
• 40µA max
• 10µVpp noise
Precision VREF
with Kelvin Sense
ISL21060
• Stable for cap load drive
• 40µA max
• 10µVpp noise
Precision Voltage References
*See data sheet for conditions as there are slight difference in parameter/conditions.
Precision Voltage References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com