Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 15 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 11Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 13Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 14Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 15Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 17Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 18Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Click/
ISL54217
COM -
COM +
C1
GND
1D+
1D-
D-
D+
GND
R
L
VDD
C0
Logic Control
µCONTROLLER
VBUS
3.3V
2D-
4MΩ
50kΩ
2D+
50kΩ
1kΩ
1kΩ
Pop
Audio
CODEC
USB
High-Speed
Transceiver
USB
High-Speed
Transceiver
Dual USB 2.0 High Speed (480Mbps) Data Paths
•AllowsmultiplechipstoshareaHighSpeedUSBport
•2ndUSBportcanbeusedforUARTdata
Audio Click and Pop Elimination
Removes annoying audio artifacts from the listening experience.
0.024
0.032
0.025
0.026
0.027
0.028
0.029
0.030
0.031
k
0
2
0
2
50
100
200
500
1k
2k
5k
10k
FREQUENCY (Hz)
RLOAD = 32Ω
PLOAD = 5mW
VDD = 2.7V
Ultra Low Distortion Audio
Signal Switching
Allows switching and muting of
MP3 quality audio sources.
• Cellphones
• Smartphones
• PDAs
• MP3/4 Players
• Negative Input Signal Handling
- Compatible with single supply capacitor
coupled portable devices
• High Off-Isolation Mute Mode
- Eliminates click and pop during power up and
down
• Tiny 2.2x1.4mm µTQFN Packaging
- Significant reduction in space occupied
compared to discrete solutions
Applications
Ultra Low Distortion (<0.03% THD+N)
Two High Speed USB Ports and a Low Distortion
‘Click and Pop’ Free Audio Port
USB 2.0 High Speed: ISL54217
Compact, Single
Pole/Triple Throw
Switches Eliminate
Handheld Device
Connector Congestion
Device
Switches
Configuration
Ron
(audio)
Ron
(USB)
Con
@ 1MHz
Package
Notes
USB 2.0 Full Speed
ISL54400
4
DPDT
2:1
1
5
46
10 TDFN, µTQFN
ISL54401
4
DPDT
2:1
1
5
46
10 TDFN, µTQFN
ISL54402
4
DPDT
2:1
1
5
46
10 TDFN, µTQFN
ISL54415
4
DPDT
2:1
1
5
46
10 µTQFN
Video Capability
ISL54416
4
DPDT
2:1
1
5
46
10 µTQFN
Video Capability
ISL54417
4
DPDT
2:1
1
7.5
46
10 µTQFN
Video Capability
USB 2.0 High
Speed
ISL54409
2
DPST
NO
2.4
5.4
4.2*
8 TDFN, µTQFN
ISL54410
2
DPST
NO
2.4
5.4
4.2*
8 TDFN, µTQFN
Click & Pop Elimination
ISL54205B
4
DPDT
2:1
2.65
4.6
10
10 TDFN, µTQFN
ISL54206A
4
DPDT
2:1
2.65
4.6
10
10 TDFN, µTQFN
ISL54207
4
DPDT
2:1
2.65
4.6
10
10 TDFN, µTQFN
Video Capability
ISL54208
4
DPDT
2:1
2.65
4.6
10
10 TDFN, µTQFN
Video Capability
ISL54209
4
DPDT
2:1
2.5
5
8
10 TDFN, µTQFN
ISL54210
4
DPDT
2:1
2.4
5.4
4.2*
10 TDFN, µTQFN
Click & Pop Elimination
ISL54211
4
DPDT
2:1
2.4
5.4
4.2*
10 TDFN, µTQFN
Click & Pop Elimination
ISL54212
4
DPDT
2:1
2.65
4.6
10
10 TDFN, µTQFN
ISL54213
4
DPDT
2:1
2.5
5.5
8
10 TDFN, µTQFN
ISL54215
4
DPDT
2:1
2.5
5
7
10 µTQFN
ISL54214
6
DP3T
3:1
2.3
6.2
8
12 TDFN, µTQFN
ISL54217
6
DP3T
3:1
2.3
6.2
8
12 TDFN, µTQFN
Click & Pop Elimination
* @ 240MHz
Intersil Signal Path Products  2012  www.intersil.com
15
USB/Audio Video Switch
USB/Audio Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com