Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 32 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 32 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 28Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 29Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 30Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 31Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 32Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 33Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 34Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 35Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 36Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
Intersil Signal Path Products  2012  www.intersil.com
Other Special Categories of Performance
Precision Amps with Low Distortion
ISL28x27
0.00005% THD+N, 10MHz, 40V
ISL28x90
0.000017% THD+N, 170MHz, 5V
ISL28x91
0.000017% THD+N, 61MHz, 5V
Precision Amps with Low Current Noise (1kHz)
ISL28x33
70fA/√Hz, 300pA IBIAS, low VOS drift,
5V
ISL28x07
20fA/√Hz, 300pA IBIAS, 300μA ISY, 40V
ISL28x88
9fA/√Hz, 30pA IBIAS, 78μA Isy, 5V
ISL28x10
9fA/√Hz, 2pA IBIAS, 50V
ISL28x13
5fA√Hz, 20pA IBIAS, 5V
ISL28x14
8fA/√Hz, 20pA IBIAS, 5V
ISL28x48
16fA/√Hz, 30pA IBIAS, 5V
Ultra Precision
Low Voltage (5V)
Single
Dual
Quad
ISL28133
ISL28233
ISL28433
• Low Offset - 6µV max
• Micro-power -25µA max
• Low Drift - 50nV/°C
• Chopper Stabilized
ISL28134
• Low Offset - 2.5 µV max
• Low Drift - 15nV/°C max
• Low Noise - 250nVpp
• Chopper Stabilized
High Voltage (40V)
Single
Dual
Quad
ISL28117B ISL28217B
ISL28417
• Low Offset - 50µV max
• Low Power - 0.53µA max
ISL28127
ISL28227
• Low Offset - 70µV max
• Low Noise - 2.5nV/√Hz
ISL28107
ISL28207
ISL28407
• Low Offset - 75µV max
• Low Power - 290µA max
ISL28118
ISL28218
• Low Offset - 230 µV max
• Single Supply - RRO
ISL28110
ISL28210
• Low Offset - 300µV max
• Low Ib - 2pA max
ISL28108
ISL28208
ISL28408
• Low Offset - 230µV max
• Single Supply - RRO
• Low Power - 250µA
ISL28177
• Low Offset - 150µV
• Low Cost
Low Noise
Low Voltage (5V)
Single
Dual
ISL28190
ISL28290
• Low Noise - 1nV/√Hz
• Low THD+N
ISL28191
ISL28291
• Low Noise - 1.7nV/√Hz
• Low THD+N
ISL28134
• Low Noise - 250nVpp (0.1
to 10Hz)
High Voltage (40V)
Single
Dual
ISL28127
ISL28227
• Low Noise - 2.5nV/√Hz
• Low Offset - 70µV max
ISL28118
ISL28218
• Low Noise - 5.6nV/√Hz
• Low Offset - 230 µV max
• Single Supply - RRO
ISL28110
ISl28210
• Low Noise - 6nV/√Hz
• Low Offset - 300µV max
• Low Ib - 2pA max
Low Power
Low Voltage (5V)
Single
Dual
Quad
ISL28194
• Micro-Power - 450nA max
ISL28133
ISL28233
ISL28433
• Micro-power -25µA max
• Low Offset - 6µV max
• Low Drift - 50nV/°C
• Chopper Stabilized
High Voltage (40V)
Single
Dual
Quad
ISL28108
ISL28208
ISL28408
• Low Offset - 230µV max
• Low Power - 250µV max
ISL28107
ISL28207
ISL28407
• Low Offset - 75µV max
• Low Power - 290µA max
ISL28117B ISL28217B ISL28417B
• Low Offset - 50µV max
• Low Power - 0.53µA max
Low Input Bias
Current
Low Voltage (5V)
Single
Dual
Quad
ISL28113
ISL28213
ISL28413
• Low Ib - 20pA max
ISL28114
ISL28214
ISL28414
• Low Ib - 20pA max
ISL28158
ISL28258
• Low Ib - 30pA max
High Voltage (40V)
Single
Dual
Quad
ISL28110
ISL28210
• Low Noise - 6nV/√Hz
• Low Offset - 300µV max
• Low Ib - 2pA max
ISL28107
ISL28207
ISL28407
• Low Offset - 75µV max
• Low Power - 290µA max
• Low Ib - 300pA max
Precision Amps with Higher Bandwidth and Speed
ISL28x27
10MHz, 3.6V/μs, 70μV VOS, low noise
40V
ISL28x34
3.5MHz, 1.5VµV, 2.5µV, low noise 5V,
Chopper Stabilized
ISL28x18
4MHz, 1.2V/µs, 230µV, 40V single
supply
ISL28x36
5MHz, 1.9V/μs, 150μV VOS, low
noise 5V
ISL28x38
4.5MHz, 4.8V/μs, 300μV VOS, 5V
ISL28x10
40V JFET-input 2pA, 10MHz, 20V/µs,
low noise precision
ISL28x90
170MHz, 50V/μs, 700μV VOS, low
noise 5V
ISL28x91
61MHz, 17V/μs, 700μV VOS, low
noise 5V
Precision Amps in Tiny Packages
ISL28194, ISL28x90, ISL28x91,
ISL28x33
μTDFN package
Precision Amps with Shutdown Capability for Low
Power
ISL28194
Nano-power
EL8176, ISL28x30, ISL28x33,
ISL28x36, ISL28x38, ISL28x91,
ISL28x90, ISL28x48
Micro-power
General Purpose/Cost Sensitive Amps
ISL28x30
ISL28x13
ISL28x14,
ISL28x77, ISL28325/345
x = 1 - Single, 2 - Dual, 4 - Quad
Precision Op Amps
iSim Active Filter Designer
www.intersil.com/isim
Advanced design tool for
creating complex solutions in 4
easy steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com