Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 11 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button SMT-0540-S-R Datasheet HTML 7Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 8Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 9Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 10Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 11Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 12Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 13Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 14Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
3.6
On-board Resources
3.6.1
Description of LED Bank
The AT88Microbase includes 3 general purpose red LEDs, which are connected to PD6, PD5 and
PD4. To light an LED, the corresponding port pin must be driven high. To turn off an LED, the
corresponding port pin must be driven low.
Figure 8.
LEDs Implementation Schematic
Note
: AVR can source or sink enough current to drive an LED directly.
3.6.2
Buzzer
The small onboard buzzer adds audio capability to the AT88Microbase board. The buzzer requires
that PD7 be driven with a square wave at 4.0 0.5
KHz to achieve a maximum decibel of 78dB.
SPI
TWI
SPI
TWI
K1
TWI Position
K1
SPI Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com