Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 17 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button SMT-0540-S-R Datasheet HTML 13Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 14Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 15Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 16Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 17Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 18Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 19Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 20Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
PB1
NC
Not Connected
PB2
NC
PB3
Tied to PB7 with R11
USART (Receive)
1
PB4
Software Power Control
CLIENT Socket
PB5
NC
PB6
HOST Signal Pin
Bit-banging
PB7
CLIENT Signal Pin
Bit-banging / USART (Transmit )
1
GND
GND
GND
VCC
VCC
VCC
Table 3.
Mapping AT88CK109BK3 to the STK500 and STK600
STK500 / STK600
AT88CK109BK3
Comments
Px0
NC
-
Px1
NC
-
Px2
Tied to Px3 with R11
1
USART (Receive)
1
Px3
CLIENT Signal Pin
Bit-banging / USART (Transmit )
1
Px4
HOST Signal Pin
Bit-banging
Px5
Software Power Control
HOST Socket
Px6
Software Power Control
CLIENT Socket
Px7
NC
-
GND
GND
GND
VTG
VCC
VCC
Figure 18. AT88CK109BK3 Mounted to the STK500
1 See section 3.12
Note 3:
“x” in Table 3 denotes any port on the STK500 and STK600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com