Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 15 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button SMT-0540-S-R Datasheet HTML 11Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 12Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 13Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 14Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 15Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 16Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 17Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 18Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Note: When using the demonstration software, the host (AT88SA10HS) and client (AT88SA100 or
AT88SA102) devices must be in their respective sockets according to the “HOST” and “CLIENT”
texts on the board.
3.9
HOST and CLIENT Power Configuration
The AT88CK109BK3 provides the user with the capability to independently power cycle each
socket with software or place the sockets in a constant power-on state, assuming power is applied
to the board.
Figure 15. HOST and CLIENT Power Headers
Figure 16. Schematic Implementation for Software Power Control, HOST-side
Table 1.
HOST and CLIENT sockets Power Configuration
Jumpers Position
Comments
View
Hardware Power
Configuration
H1, H2, H3 and H4
Mounted
With all 4 jumpers mounted, the HOST and CLIENT
sockets are placed into a constant power–on state.
*Default setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com