Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 31 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button SMT-0540-S-R Datasheet HTML 27Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 28Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 29Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 30Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 31Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 32Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 33Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 34Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Qty
Reference
Value
Description
Case
Manufacturer PN
2
C125-126
20pF
Ceramic
0603
GRM1885C1H200JA01D
1
C164
150pF
Ceramic
0603
C1608C0G1H151J
1
C151
1nF
Ceramic
0603
C0603X7R500-102KNE
1
C102
10nF
Ceramic
0603
C0603X7R500-103JNE
1
C163
15nF
Ceramic
0603
ECJ1VB1H153K
1
C184
220nF
Ceramic
0603
GRM188R71A224KA01D
5
C117 C119
0.1uF
Ceramic
0603
C0603Y5V250-104ZNE
C121
Ceramic
0603
C123-124
Ceramic
0603
4
C101 C103
1uF
Ceramic
0603
C0603Y5V250-105ZNE
C120 C172
Ceramic
0603
1
C118
10uF
Ceramic
0805
C0805X5R6R3-106KNE
1
R1
0
1/16 W
0603
CR0603-16W-000T
2
R180-181
22
1/16 W
0603
CR0603-16W-220JT
3
R3 R6-R7
180
1/16 W
0603
CR0603-16W-181JT
4
R103-105, R171
825
1/16 W
0603
CRCW0603825RFKEA
1
R183
1.5K
1/16 W
0603
CR0603-16W-152JT
1
R144
4.7K
1/16 W
0603
CR0603-16W-472JT
1
R172
3.92K
1/16 W
0603
ERJ3EKF3921V
2
R151 R184
47K
1/16 W
0603
CRCW060347K0FKEA
1
R2
DNI
1/16 W
0603
2
R4, R5
0
1/16 W
0402
CR0402-16W-000T
1
IC2
-
ATMEL AVR
64 PIN QFN
AT90USB1287-64QFN
1
Y121
16MHz
Crystal
SMD
ABM3B-16.000MHZ-B2-T
1
U1
3.3V
Regulator
SOT-23-5
MIC5219-3.3YM5 TR
1
U6
-
ATMEL CryptoCompanion
8ld SOIC
ATSC018-SU-CM
1
LEDP
BLUE
LED
0603
MB1111C-TR
3
LED1-3
RED
LED
0603
BR1111C-TR
2
D181-182
-
ESD Suppressor
0603
PGB1010603MR
1
D1
DIODE
Schotkky
SOD-323
NSR1020MW2T1G
1
D2
DIODE
Schotkky
SOD-123
MBR0520L
1
USB
WM17117-ND
TYPE A
USB RT ANG.
48037-0001
1
L161
-
Ferrit Bead
0603
MI0603J601R-10
1
Q1
NPN
Transistor
SOT23-3
MMBTA42LT1G
1
H2
0.1" Pitch
JTAG
2x5 Male Header RA
TSW-105-16-L-D-RA
1
J1
0.1" Pitch
PORT-D Interface
2x5 Male Header
PBC05DAAN
1
B121
-
Buzzer
SMD
SMT-0540-S-R
2
B151
-
Push Button
SMD
PTS635SL25SMTR LFS
1
K1
-
DPDT switch
SMD
CAS-220TA
AT88Microbase BOM
MISC
DIODE
CAPACITOR
IC
RESISTOR
7-8
AT88CK109STK3 User Guide
8699A—CRYPTO—10/09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com