Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 16 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button SMT-0540-S-R Datasheet HTML 12Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 13Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 14Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 15Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 16Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 17Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 18Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 19Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
AT88SCK109STK3
3-14
AT88CK109STK3 User Guide
8699A—CRYPTO—10/09
HOST
Software Power
Configuration
H1 Mounted
H2 Not - mounted
This configuration allows the user to power cycle the
HOST socket via software. See Table 2 and 3 for
pinout details
CLIENT
Software Power
Configuration
H3 Mounted
H4 Not - mounted
This configuration allows the user to power cycle the
CLIENT socket via software. See Table 2 and 3 for
pinout details
3.10
Device Interconnect Header
The “INTERCONNECT” header provides a single-wire bus between the signal pins of the HOST
and CLIENT devices. The header can also serve as test points.
Figure 17. Interconnect Header
3.11
Mapping AT88CK109BK3 to AT88Microbase, STK500 and STK600
The AT88CK109BK3 maps to the 10-pin header of the AT88Microbase as follow:
Table 2.
Mapping the AT88CK109BK3 to the AT88Microbase
AT88Microbase
Header ( J1 )
AT88CK109BK3
Comments
PB0
Software Power Control
HOST Socket
INTERCONNECT
CLEINT
HOST
SIGNAL
SIGNAL
Px3
Px4
Maps to
AT88Microbase PB7
Maps to
AT88Microbase PB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com