Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 12 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button SMT-0540-S-R Datasheet HTML 8Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 9Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 10Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 11Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 12Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 13Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 14Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 15Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
AT88SCK109STK3
3-10
AT88CK109STK3 User Guide
8699A—CRYPTO—10/09
Figure 9.
Buzzer Implementation Schematic
Brief Spec:
Input Signal:
Square Wave
Resonant frequency:
4.0 0.5
KHz
Sound Pressure Level: 78dB
3.6.3
Description of the Interface Header
The 10-Pin header (J1) of the AT88Microbase provides interfacing for daughter boards.
Figure 10.
10-Pin Interface Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com