Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 4 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 4 Page - ATMEL Corporation

  SMT-0540-S-R Datasheet HTML 1Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 2Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 3Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 4Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 5Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 6Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 7Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 8Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
AT88SCK109STK3
1-2
AT88CK109STK3 User Guide
8699A—CRYPTO—10/09
Serial interfaces:
– 1 USB full / low speed device interface
– USART
On-board resources:
– 3 User defined LEDS
– 10 Pins I/O header (2x5, 0.1” pitch)
Supports SPI, TWI, and UART
– 1 Buzzer
On-board RESET button
On-board HWB button to force AVR into DFU mode at reset
16 MHz crystal for system clock
The AT88SC19BK3 provided the following features:
2 SOT23-3 CryptoAuthentication Sockets
– HOST and CLIENT
– Software PWR control
AVR Studio
® software interface(1)
Notes: 1. AT88Microbase is supported by AVR Studio®, version
4.17 (build 666) or
higher. For up-to-date information on this and other AVR tool products, please
consult our web site. The newest version of AVR Studio®, AVR tools and this
User Guide can be found in the AVR section of the Atmel web site,
http://www.atmel.com.
2. ATMEL Flip®, In System Programming Version 3.2.2 or higher shall be used for
Device Firmware Upgrade. Please consult Atmel web site to retrieve the latest
version of Flip and the DFU bootloader Hex file if needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com