Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0540-S-R Datasheet(PDF) 3 Page - ATMEL Corporation

Part # SMT-0540-S-R
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMT-0540-S-R Datasheet(HTML) 3 Page - ATMEL Corporation

  SMT-0540-S-R Datasheet HTML 1Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 2Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 3Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 4Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 5Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 6Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 7Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 8Page - ATMEL Corporation SMT-0540-S-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Section 1
Introduction
Congratulations on acquiring the AVR®-based AT88CK109BSTK3 CryptoAuthentication Starter
Kit. This kit is designed to give designers a quick start to develop code for the CryptoAuthentication
product family. All the necessary hardware is provided in the package. The AT88Microbase has
been pre-programmed for your convenience. Please be sure to visit WWW.Atmel.com/Javan for
the latest firmware image.
1.1
Overview
This document describes the AT88CK109STK3, which is a development kit for the AT88SA100,
AT88SA102, and ATSA8810HS CryptoAuthentication devices. This kit uses a modular approach.
The
development
kit
includes
the
AT88Microbase
board
and
the
AT88CK109BK3
CryptoAuthentication daughter board.
The AT88Microbase uses a convenient Type-A USB
interface allowing users to interface with a personal computer and experiment with
CryptoAuthentication. The small USB form factor of the AT88Microbase allows the board to
function as a demo as well as a development platform.
The AT88CK109BK3 daughter board has two SOT23-3 sockets for either client-host or multiple
client development. Together, these boards allow an easy evaluation of the CryptoAuthentication
products using demonstration software. This user guide acts as a general, getting started guide as
well as a complete technical reference for advanced users.
1.2
AT88CK109STK3 Starter Kit Features
AT88Microbase provides the following features:
AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
– 128K Bytes of In-System Self-Programmable Flash
– 4K Bytes EEPROM
– 8K Bytes Internal SRAM
AT88SC018 CryptoCompanion IC
USB software interface for Device Firmware Upgrade (DFU boot loader)
(2)
Power supply LED
– from the USB interface (USB device bus powered application)
– from an external power supply
JTAG Connector:
– for on-chip ISP
– for on-chip debugging using JTAG ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com