Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 13Page - NXP Semiconductors SSL1523 Datasheet HTML 14Page - NXP Semiconductors SSL1523 Datasheet HTML 15Page - NXP Semiconductors SSL1523 Datasheet HTML 16Page - NXP Semiconductors SSL1523 Datasheet HTML 17Page - NXP Semiconductors SSL1523 Datasheet HTML 18Page - NXP Semiconductors SSL1523 Datasheet HTML 19Page - NXP Semiconductors SSL1523 Datasheet HTML 20Page - NXP Semiconductors SSL1523 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
20 of 21
continued >>
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
13. Figures
Fig 1.
Demo board top . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 2.
Demo board bottom . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 3.
Demo board connection diagram. . . . . . . . . . . . . .5
Fig 4.
Mains current (C2), VCC (C1), bulk capacitor
input voltage (C3) and the mains voltage (C4) . . .6
Fig 5.
Demo board schematic . . . . . . . . . . . . . . . . . . . . .9
Fig 6.
Transformer schematic . . . . . . . . . . . . . . . . . . . . 11
Fig 7.
Winding specification . . . . . . . . . . . . . . . . . . . . . .12
Fig 8.
Transformer dimensions . . . . . . . . . . . . . . . . . . .12
Fig 9.
120 V (AC) load curve at VLED = 19.5 V . . . . . . .13
Fig 10. 230 V (AC) load curve at VLED = 19.5 V . . . . . . .13
Fig 11. 120 V (AC) efficiency curve . . . . . . . . . . . . . . . . .14
Fig 12. 230 V (AC) efficiency curve . . . . . . . . . . . . . . . . .14
Fig 13. Input voltage versus output current . . . . . . . . . . .15
Fig 14. EMC measurements at a mains voltage
of 120 V (AC) . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Fig 15. EMC measurements at a mains voltage
of 230 V (AC) . . . . . . . . . . . . . . . . . . . . . . . . . . . .16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com