Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 13Page - NXP Semiconductors SSL1523 Datasheet HTML 14Page - NXP Semiconductors SSL1523 Datasheet HTML 15Page - NXP Semiconductors SSL1523 Datasheet HTML 16Page - NXP Semiconductors SSL1523 Datasheet HTML 17Page - NXP Semiconductors SSL1523 Datasheet HTML 18Page - NXP Semiconductors SSL1523 Datasheet HTML 19Page - NXP Semiconductors SSL1523 Datasheet HTML 20Page - NXP Semiconductors SSL1523 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
© NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 3 August 2010
Document identifier: UM10406
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
14. Contents
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1
General description . . . . . . . . . . . . . . . . . . . . . 3
2
Specification. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Demo board views . . . . . . . . . . . . . . . . . . . . . . . 4
4
Demo board connections . . . . . . . . . . . . . . . . . 5
4.1
Connecting the demo board: . . . . . . . . . . . . . . 5
5
Functional description . . . . . . . . . . . . . . . . . . . 5
6
Board system optimization . . . . . . . . . . . . . . . . 7
6.1
Changing the output current and LED current . 7
6.2
Changing the output ripple current . . . . . . . . . . 7
6.3
Changing the load curve. . . . . . . . . . . . . . . . . . 7
7
Board schematic . . . . . . . . . . . . . . . . . . . . . . . . 9
7.1
Bill of materials (BOM) . . . . . . . . . . . . . . . . . . 10
8
Transformer specification . . . . . . . . . . . . . . . . 11
8.1
Winding specification . . . . . . . . . . . . . . . . . . . 12
8.2
Electrical characteristics . . . . . . . . . . . . . . . . . 12
8.3
Core and bobbin . . . . . . . . . . . . . . . . . . . . . . . 12
8.4
Physical dimensions . . . . . . . . . . . . . . . . . . . . 12
9
Appendix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
9.1
Load curves . . . . . . . . . . . . . . . . . . . . . . . . . . 13
9.2
Efficiency curves. . . . . . . . . . . . . . . . . . . . . . . 14
9.3
Input voltage dependency. . . . . . . . . . . . . . . . 15
9.4
EMC requirements . . . . . . . . . . . . . . . . . . . . . 15
9.5
Mains conducted harmonics . . . . . . . . . . . . . . 16
10
References . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . 18
11.1
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
11.2
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
11.3
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 18
12
Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
13
Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
14
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com