Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 9Page - NXP Semiconductors SSL1523 Datasheet HTML 10Page - NXP Semiconductors SSL1523 Datasheet HTML 11Page - NXP Semiconductors SSL1523 Datasheet HTML 12Page - NXP Semiconductors SSL1523 Datasheet HTML 13Page - NXP Semiconductors SSL1523 Datasheet HTML 14Page - NXP Semiconductors SSL1523 Datasheet HTML 15Page - NXP Semiconductors SSL1523 Datasheet HTML 16Page - NXP Semiconductors SSL1523 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
13 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
9.
Appendix
9.1 Load curves
(1) LED current = 250 mA.
(2) LED current = 200 mA.
(3) LED current = 150 mA.
Fig 9.
120 V (AC) load curve at VLED = 19.5 V
(1) LED current = 250 mA.
(2) LED current = 200 mA.
(3) LED current = 150 mA.
Fig 10. 230 V (AC) load curve at VLED = 19.5 V
(1)
(2)
(3)
019aaa140
LED voltage (V)
12
28
24
20
16
175
225
275
LED
current
(mA)
125
019aaa141
LED voltage (V)
12
28
24
20
16
175
225
275
LED
current
(mA)
125
(3)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com