Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL1523 Datasheet HTML 1Page - NXP Semiconductors SSL1523 Datasheet HTML 2Page - NXP Semiconductors SSL1523 Datasheet HTML 3Page - NXP Semiconductors SSL1523 Datasheet HTML 4Page - NXP Semiconductors SSL1523 Datasheet HTML 5Page - NXP Semiconductors SSL1523 Datasheet HTML 6Page - NXP Semiconductors SSL1523 Datasheet HTML 7Page - NXP Semiconductors SSL1523 Datasheet HTML 8Page - NXP Semiconductors SSL1523 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
5 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
4.
Demo board connections
The demo board can be operated from mains voltages of 120 V (AC) (60 Hz) up to
230 V (AC) (50 Hz). The board is designed to work with multiple high power LEDs with a
total working voltage of 12 V to 25 V. The output current can be set by resistor R18, see
Section 7. A dedicated LED load connected to K3 can be supplied on request. The
connector K2 can be used to attach other LED loads. The output voltage is limited to a
maximum of 33 V. When attaching a LED load to an operational board (hot plugging), an
inrush peak current will occur due to discharge of capacitor C10. After (some)
discharge(s), the LEDs may deteriorate and/or become damaged.
4.1 Connecting the demo board:
• If a galvanic isolated transformer is used, this should be placed between the AC
source and the demo board.
• Connect a user-defined LED (string) to the connector K2 as shown in Figure 3. Make
sure that the anode of the LED (string) is connected to + (bottom side of this
connector).
5.
Functional description
The SSL1523 IC (Ref. 3) has several internal functions which include the following:
• The SSL1523 controls and drives the flyback converter.
• Over Current Protection (OCP) of the internal FET at 0.5 V on the SOURCE pin.
• The converter frequency is set with an internal oscillator, the timing of which is
controlled by external RC components on pin RC.
• The REG pin controls the on-time of the internal switch between 0 % and 75 %.
This board is optimized to operate at a power factor of 0.9 in the nominal application with
six LEDs on the output. In order to achieve this, the converter operates dominantly at a
constant ton mode. The output power of the converter is buffered by capacitor C10, and
therefore the circuit exhibits resistive input current behavior (see Figure 4).
Fig 3.
Demo board connection diagram
K2
K3
J1
J2
K1
pin 1: LED +
pin 6: LED
−
pin 5: LED
−
pin 4: LED
−
pin 3: LED +
pin 2: LED +
pin 1: LED +
pin 2: LED
−
019aaa134
pin 2:
−
K4
pin 1:
+
pin 3: N
pin 1: L
pin 2:
control input from
external opto coupler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com