Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 11Page - NXP Semiconductors SSL1523 Datasheet HTML 12Page - NXP Semiconductors SSL1523 Datasheet HTML 13Page - NXP Semiconductors SSL1523 Datasheet HTML 14Page - NXP Semiconductors SSL1523 Datasheet HTML 15Page - NXP Semiconductors SSL1523 Datasheet HTML 16Page - NXP Semiconductors SSL1523 Datasheet HTML 17Page - NXP Semiconductors SSL1523 Datasheet HTML 18Page - NXP Semiconductors SSL1523 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
15 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
9.3 Input voltage dependency
9.4 EMC requirements
(1) LED current set at 250 mA nominal with a load of six LEDs in series (19.5 V).
Fig 13. Input voltage versus output current
Umains (V)
70
270
230
150
190
110
019aaa144
250
248
252
254
lout
(mA)
246
(1)
Fig 14. EMC measurements at a mains voltage of 120 V (AC)
NXP Semiconductors
1PK
MAXH
2 AV
CLRWR
SGL
6DB
9 kHz
30 MHz
dBV
dBV
MT
1 ms
RBW
9 kHz
PREAMP OFF
Att 10 dB
04.Dec 09 17:52
100 kHz
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
1
Marker 1 [T2 ]
48.64 dBV
9.000000000 kHz
FCC15AVQ
FCC15BVQ
019aaa145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com