Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 12Page - NXP Semiconductors SSL1523 Datasheet HTML 13Page - NXP Semiconductors SSL1523 Datasheet HTML 14Page - NXP Semiconductors SSL1523 Datasheet HTML 15Page - NXP Semiconductors SSL1523 Datasheet HTML 16Page - NXP Semiconductors SSL1523 Datasheet HTML 17Page - NXP Semiconductors SSL1523 Datasheet HTML 18Page - NXP Semiconductors SSL1523 Datasheet HTML 19Page - NXP Semiconductors SSL1523 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
16 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
9.5 Mains conducted harmonics
Fig 15. EMC measurements at a mains voltage of 230 V (AC)
NXP Semiconductors
1PK
MAXH
2 AV
CLRWR
SGL
6DB
9 kHz
30 MHz
dBV
dBV
MT
1 ms
RBW
9 kHz
PREAMP OFF
Att 10 dB
04.Dec 09 16:48
100 kHz
1 MHz
10 MHz
0
10
20
3
40
50
60
70
80
90
100
LIMIT CHECK
PASS
1
Marker 1 [T2 ]
50.66 dBV
9.000000000 kHz
EN55015A
EN55015Q
019aaa146
Table 5.
Mains conducted harmonics
Harmonic
230 V (AC) @ 50 Hz amplitude
120 V (AC) @ 60 Hz amplitude
1
100
100
20
0
311.0
8.1
40
0
512.5
14
60
0
711.7
2.7
80
0
97.7
1.2
10
0
0
11
5.0
2.1
12
0
0
13
7.4
2.4
14
0
00
15
3.0
2.4
16
0
0
17
7.6
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com