Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL1523 Datasheet HTML 1Page - NXP Semiconductors SSL1523 Datasheet HTML 2Page - NXP Semiconductors SSL1523 Datasheet HTML 3Page - NXP Semiconductors SSL1523 Datasheet HTML 4Page - NXP Semiconductors SSL1523 Datasheet HTML 5Page - NXP Semiconductors SSL1523 Datasheet HTML 6Page - NXP Semiconductors SSL1523 Datasheet HTML 7Page - NXP Semiconductors SSL1523 Datasheet HTML 8Page - NXP Semiconductors SSL1523 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
4 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
3.
Demo board views
Board dimensions
50 mm
× 86 mm × 1.6 mm
-
Operating temperature
0
°C to 85 °C
-
Isolation voltage
± 4 kV
between the primary and secondary circuits
Table 1.
Specification …continued
Parameter
Specification
Comment
Fig 1.
Demo board top
Fig 2.
Demo board bottom
019aaa132
019aaa133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com