Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 8Page - NXP Semiconductors SSL1523 Datasheet HTML 9Page - NXP Semiconductors SSL1523 Datasheet HTML 10Page - NXP Semiconductors SSL1523 Datasheet HTML 11Page - NXP Semiconductors SSL1523 Datasheet HTML 12Page - NXP Semiconductors SSL1523 Datasheet HTML 13Page - NXP Semiconductors SSL1523 Datasheet HTML 14Page - NXP Semiconductors SSL1523 Datasheet HTML 15Page - NXP Semiconductors SSL1523 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
12 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
8.1 Winding specification
8.2 Electrical characteristics
• Nominal frequency = 100 kHz
• Vbreakdown N1, N2 = 4 kV and N3, N2 = 4 kV
• Leakage inductance = 20 μH (short N2)
8.3 Core and bobbin
• Core: EE13/6/6 (3C90 or better)
• Air gap in centre leg
• Bobbin: for EE13/6/6 core; bobbin must be suitable for Class II isolation requirements.
8.4 Physical dimensions
Fig 7.
Winding specification
Table 3.
Winding specification
Winding
Section
Ratio
Primary to secondary
N1 : N2
1 : 0.173
Primary to auxiliary
N1 : N3
1 : 0.204
tape
019aaa138
N1 (2-3):
AWG39
bobbin
1 mm on pin 1 - 4 side
N1 (2-3):
AWG39
N2 (7-6):
AWG26 TIW
N3 (1-4):
AWG35
Table 4.
Inductance
Section
Inductance
N1
1.85 m
H ± 5%
N2
56
μH
N3
75
μH
Fig 8.
Transformer dimensions
15 mm
18.5 mm
15.75 mm
019aaa139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com