Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 18Page - NXP Semiconductors BLF145 Datasheet HTML 19Page - NXP Semiconductors BLF145 Datasheet HTML 20Page - NXP Semiconductors BLF145 Datasheet HTML 21Page - NXP Semiconductors BLF145 Datasheet HTML 22Page - NXP Semiconductors BLF145 Datasheet HTML 23Page - NXP Semiconductors BLF145 Datasheet HTML 24Page - NXP Semiconductors BLF145 Datasheet HTML 25Page - NXP Semiconductors BLF145 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
23
NXP Semiconductors RF Manual 16th edition
1.3.6 VSAT
Application diagram
brb405
INDOOR UNIT
OUTDOOR UNIT
REF
REF
ANTENNA
to/from
IDU
LNA
IF
IF2
IF1
BUF
BUF
PMU
PMU
MPX
MPX
OMT
MOD
DEMOD
DATA
INTERFACE
POWER
SUPPLY
DIGITAL
SIGNAL
PROCESSOR
LNA2
PA
LNA1
IF1
SYNTH
PLL
PLL
´
N
Recommended products
Indoor unit
Function
Product
Package
Type
IF
MMIC
IF gain block
SOT363
BGA2714
BGA2748
BGA2771
BGA2800
BGA2801
BGA2815
BGA2816
BGM1012
Function
Product
Package
Type
LNA
RF transistor
SiGe:C transistor
SOT343F
BFU725F/N1
BFU710F
BFU725F/N1
BFU730F
Wideband
transistor
SOT343R
BFG425W
BFG424W
SOT143R
BFG325/XR
Product highlight:
TFF1003HN Low phase noise LO generator for VSAT
applications
The TFF1003HN is a Ku-band frequency generator intended for
low phase noise local-oscillator (LO) circuits for Ku-band VSAT
transmitters and transceivers. The specified phase noise complies
with IESS-308 from Intelsat.
Features
` Phase noise compliant with IESS-308 (Intelsat)
` LO generator with VCO range: 12.8 to 13.05 GHz
` Input signal 50 to 816 MHz
` Divider settings: 16, 32, 64, 128, or 256
` Output level −5 dBm; stability ±2 dB
` Third- or fourth-order
` Internally stabilized voltage references for loop filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com