Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 74Page - NXP Semiconductors BLF145 Datasheet HTML 75Page - NXP Semiconductors BLF145 Datasheet HTML 76Page - NXP Semiconductors BLF145 Datasheet HTML 77Page - NXP Semiconductors BLF145 Datasheet HTML 78Page - NXP Semiconductors BLF145 Datasheet HTML 79Page - NXP Semiconductors BLF145 Datasheet HTML 80Page - NXP Semiconductors BLF145 Datasheet HTML 81Page - NXP Semiconductors BLF145 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 130 page
background image
79
NXP Semiconductors RF Manual 16th edition
TV / VCR / DVD / HDD varicap diodes - VHF tuning
Type
Package
@ f = 1 MHz
r
s
typ
r
s
max
@ f =
@ C
d
=
∆C
d/
C
d
@ V
1
=
@ V
2
=
@ N
s
=
C
d
min
C
d
typ
C
d
max
@ V
R
=
C
d1/
C
d2
min
C
d1/
C
d2
typ
C
d1/
C
d2
max
@ V
1
=
@ V
2
=
(pF)
(pF)
(pF)
(V)
(V)
(V)
(Ω)
(Ω)
(MHz)
(pF)
(V)
(V)
Matched
BB148
SOD323
2.4
2.6
2.75
28
14.5
15
-
1
28
-
0.9
100
12
2
0.5
28
10
BB152
SOD323
2.48
2.7
2.89
28
20.6
22
-
1
28
1
1.2
100
30
2
1
28
10
BB153
SOD323
2.361
2.6
2.754
28
13.5
15
-
1
28
0.65
0.8
100
30
2
1
28
10
BB178
SOD523
2.361
2.6
2.754
28
13.5
15
-
1
28
0.65
0.8
100
30
2
1
28
10
BB178LX
SOD882D
2.36
2.6
2.75
28
13.5
15
-
1
28
0.7
-
470
30
2
1
28
5
BB182
SOD523
2.48
2.7
2.89
28
20.6
22
-
1
28
1
1.2
100
30
2
1
28
10
BB187
SOD523
2.57
2.75
2.92
25
11
-
-
2
25
-
0.75
470
-
2
2
25
10
BB187LX
SOD882D
2.57
2.75
2.92
25
11
-
-
2
25
-
0.75
470
-
2
2
25
10
Unmatched
BB131
SOD323
0.7
-
1.055
28
12
-
16
0.5
28
-
3
470
9
-
-
-
-
BB181
SOD523
0.7
-
1.055
28
12
-
16
0.5
28
-
3
470
9
-
-
-
-
BBY40
SOT23
4.3
-
6
25
5
-
6.5
3
25
-
0.7
200
25
-
-
-
-
3.2.2 PIN diodes
Why choose NXP’s PIN diodes:
` Broad portfolio
` Unrivalled performance
` Short lead time
` Low series inductance
` Low insertion loss
` Low capacitance
PIN diodes : typical r
D @ 1 mA ≤ 2, switching diodes
Type
Package
Number of
diodes
Config
V
R max
(V)
IF max
(mA)
@ f = 100 MHz
@ f = 1 MHz
@ IF = 0.5 mA @ IF = 1 mA
@ IF = 10 mA
@ V
R
= 0 V
@ V
R = 1 V
@ V
R = 20 V
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
C
d
typ
(pF)
C
d
typ
(pF)
C
d
max
(pF)
C
d
typ
(pF)
C
d
max
(pF)
BAP65LX
SOD882D
1
SG
30
100
-
-
0.94
-
0.49
0.9
0.61
0.48
0.85
0.37
-
BAP65-02
SOD523
1
SG
30
100
-
-
1
-
0.56
0.9
0.65
0.55
0.9
0.375
-
BAP65-03
SOD323
1
SG
30
100
-
-
1
-
0.56
0.9
0.65
0.55
0.9
0.375
-
BAP65-05
SOT23
2
CC
30
100
-
-
1
-
0.56
0.9
0.7
0.575
0.9
0.425
-
BAP65-05W
SOT323
2
CC
30
100
-
-
1
-
0.56
0.9
0.7
0.575
0.9
0.425
-
BAP63LX
SOD882D
1
SG
50
100
2.3
3.3
1.87
3
1.19
1.8
0.34
0.29
-
0.24
0.3
BAP63-02
SOD523
1
SG
50
100
2.5
3.5
1.95
3
1.17
1.8
0.36
0.32
-
0.25
0.32
BAP63-03
SOD323
1
SG
50
100
2.5
3.5
1.95
3
1.17
1.8
0.4
0.35
-
0.27
0.32
BAP63-05W
SOT323
2
CC
50
100
2.5
3.5
1.95
3
1.17
1.8
0.4
0.35
-
0.3
0.35
PIN diode selection guide on www.nxp.com/pindiodes
Easy-to-use parametric filters help you choose the right
PIN diode for your design.
brb407
rD (Ω)
10−1
102
10
1
200
100
600
500
400
300
700
Cd
(fF)
0
BAP65LX
BAP65LX
BAP50LX
BAP63LX
BAP63LX
BAP1321LX
BAP51LX
BAP142LX
BAP64LX
BAP1321LX BAP51LX
BAP142LX
BAP50LX
BAP64LX
BAP70-02
BAP70-02
Freq = 100 MHz, Cd @ VR = 0 V
rD @ 0.5 mA
rD @ 10 mA
brb408
Insertion Loss (dB)
10−2
10
1
10−1
10
15
5
20
25
Isolation
(dB)
0
BAP51LX
BAP70-20
BAP50LX
BAP64LX
BAP51LX
BAP142LX
BAP1321LX
BAP63LX
BAP65LX
BAP65LX
BAP63LX
BAP1321LX
BAP142LX
BAP64LX
BAP50LX
BAP70-02
Freq = 1800 MHz, Isolation @ VR = 0 V
Insertion Loss @ 0.5 mA
Insertion Loss @ 10 mA
For more information: www.nxp.com/pindiodes
PIN diode: selection on isolation and insertion loss in SOD882D
Type
ISL (isolation )
IL (Insertion loss)
f =
900 MHz
f =
1800 MHz
f =
2450 MHz
f =
900 MHz
f =
1800 MHz
f =
2450 MHz
VR =
0 V
VR =
0 V
VR =
0 V
IF =
0.5 mA
IF =
1 mA
IF =
10 mA
IF =
100 mA
IF =
0.5 mA
IF =
1 mA
IF =
10 mA
IF =
100 mA
IF =
0.5 mA
IF =
1 mA
IF =
10 mA
IF =
100 mA
BAP65LX
10
5.5
3.9
0.09
0.06
0.06
0.05
0.09
0.07
0.07
0.06
0.10
0.08
0.08
0.07
BAP63LX
15.9
10.5
8.3
0.20
0.17
0.12
0.11
0.20
0.17
0.13
0.11
0.21
0.19
0.15
0.15
BAP55LX
19
14
12
0.24
0.17
0.08
0.05
0.25
0.18
0.09
0.07
0.26
0.19
0.10
0.08
BAP1321LX
17
12
10
0.25
0.19
0.11
0.09
0.26
0.20
0.13
0.11
0.27
0.21
0.14
0.12
BAP142LX
18
13
11
0.24
0.18
0.10
0.07
0.24
0.19
0.11
0.09
0.25
0.25
0.12
0.10
BAP51LX
19
15
13
0.36
0.25
0.12
0.90
0.36
0.26
0.14
0.10
0.38
0.27
0.15
0.12
BAP64LX
22
16
14
1.22
0.22
0.12
0.09
1.21
0.23
0.13
0.10
1.22
0.24
0.15
0.11
BAP50LX
20.3
17.9
16.5
1.82
1.07
0.25
-
1.80
1.06
0.26
-
1.81
1.08
0.27
-
Bold = highly recommended product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com