Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 37Page - NXP Semiconductors BLF145 Datasheet HTML 38Page - NXP Semiconductors BLF145 Datasheet HTML 39Page - NXP Semiconductors BLF145 Datasheet HTML 40Page - NXP Semiconductors BLF145 Datasheet HTML 41Page - NXP Semiconductors BLF145 Datasheet HTML 42Page - NXP Semiconductors BLF145 Datasheet HTML 43Page - NXP Semiconductors BLF145 Datasheet HTML 44Page - NXP Semiconductors BLF145 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
42
NXP Semiconductors RF Manual 16th edition
2. Focusapplications,products&technologies
State-of-the-art QUBiC4
NXP’s industry-leading QUBiC4 technology, available since
2002, has been widely deployed in the field and offers
more consistent parameter performance compared to GaAs
technology. It speeds the migration from GaAs to silicon and
delivers more functionality in less space. High integration
reduces the design footprint and enables more cost-
competitive designs. It also improves reliability and offers
significant savings in manufacturing expenditures.
Digital wideband VGAs with high linearity & flexible
current settings
These 6-bit digital VGAs (BGA7204 & BGA7210) offer high
linearity (35 dBm @ 2.2-2.8 GHz) and high output power
(23 dBm @ 2.2-2.8 GHz) across a large bandwidth without
external matching. Smart routing with no connection crosses
simplifies design and decreases footprint by 25%.
The unique power-save mode can effectively reduce the current
consumption in TDD systems up to 45%. The BGA7210 adds
flexible current distribution across its two amplifiers, depending
on the attenuation state, to save current.
Application diagram of base station
(all cellular standards and frequencies)
The block diagram below shows base station transmit (upper
part, Tx) and receive (lower part, Rx) functions, and includes
the Tx feedback function (middle part, Tx feedback).
2.1.1 BuildahighlyefficientsignalchainwithRFcomponentsfortransmitline-upsandreceivechains
As a global leader in RF technology and component design, NXP Semiconductors offers a complete
portfolio of RF products, from low- to high-power signal conditioning that delivers advanced performance
and helps simplify your design and the development process. Our solutions range from discrete devices to
modular building blocks, so you can design a highly efficient signal chain.
ADC
PLL
VCO
DVGA
Att.
LO
Dual
DVGA
Transmitter
Dual
DAC
Dual
Mixer
0
90
PLL
VCO
LNA
BP or LP
IF-SAW
RF-SAW
MPA
HPA
Dual
ADC
JEDEC
IF
IQ-Modulator
I
Q
RF-BP
IF-SAW
Power Amplifier
RX2
TX / RX1
Digital
Front
End
DPD
CFR
DUC
DDC
Micro Controller
Clock
Generator
Jitter Cleaner
Tower -
Mounted
Amplifier
µC
Filter Unit
LNA +VGA
DVGA Mixer+LO
Data Converter
RF Small Signal
RF Power
LNA+VGA
Tx
Rx
2.1Wirelesscommunicationinfrastructure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com