Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 71Page - NXP Semiconductors BLF145 Datasheet HTML 72Page - NXP Semiconductors BLF145 Datasheet HTML 73Page - NXP Semiconductors BLF145 Datasheet HTML 74Page - NXP Semiconductors BLF145 Datasheet HTML 75Page - NXP Semiconductors BLF145 Datasheet HTML 76Page - NXP Semiconductors BLF145 Datasheet HTML 77Page - NXP Semiconductors BLF145 Datasheet HTML 78Page - NXP Semiconductors BLF145 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
76
NXP Semiconductors RF Manual 16th edition
Type
Application / description
Expected
status
June 2012
Planned
release
Section
NEW: PLL + VCO (LO generator) for wireless infrastructures
BGX7300
Rx LO generator, 400 MHz to 3 GHz
DEV
Q4 2012
3.4.2
NEW: IQ modulators for wireless infrastructures
BGX7100
IQ modulator, ouput power 0 dBm
RFS
Released
3.4.2
BGX7101
IQ modulator, ouput power 4 dBm
RFS
Released
3.4.2
NEW: Dual mixers for wireless infrastructures
BGX7220
Dual mixer, NF 8 dB, IIP3 30 dBm, P < 1 W, 700 MHz to 1.2 GHz
RFS
Released
3.4.2
BGX7221
Dual mixer, NF 10 dB, IIP3 23 dBm, P < 1 W, 1.7GHz to 2.7 GHz
RFS
Released
3.4.2
NEW: RF power transistors for base stations
BLF6G15L(S)-40RN
Gen6 ceramic driver LDMOS transistor for GSM, WCDMA & LTE applications
RFS
Released
3.7.1
BLF6H10L(S)-160
Gen6 ceramic high-voltage LDMOS transistor for GSM, WCDMA & LTE applications
DEV
Q312
3.7.1
BLF7G20LS-260A
Gen7 ceramic asymmetrical Doherty LDMOS transistor for GSM & LTE applications
DEV
Q412
3.7.1
BLF7G24L(S)-160P
Gen7 ceramic push-pull LDMOS transistor for WCDMA & LTE applications
RFS
Released
3.7.1
BLF7G27LS-90PG
Gen7 ceramic push-pull LDMOS transistor for WCDMA & LTE applications (gull-wing)
RFS
Released
3.7.1
BLF8G10L(S)-160V
Gen8 ceramic LDMOS transistor for GSM, WCDMA & LTE applications
RFS
Released
3.7.1
BLF8G10LS-200GV
Gen8 ceramic LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLF8G10LS-270GV
Gen8 ceramic LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLF8G10L(S)-300P
Gen8 ceramic push-pull LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
DEV
Q312
3.7.1
BLF8G10LS-400PGV
Gen8 ceramic push-pull LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLF8G20L(S)-200V
Gen8 ceramic LDMOS transistor for GSM & LTE applications
RFS
Released
3.7.1
BLF8G20LS-270GV
Gen8 ceramic LDMOS transistor for GSM & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLF8G20LS-270PGV
Gen8 ceramic push-pull LDMOS transistor for GSM & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLF8G22LS-160BV
Gen8 ceramic LDMOS transistor for WCDMA & LTE applications
RFS
Released
3.7.1
BLF8G22LS-200GV
Gen8 ceramic LDMOS transistor for WCDMA & LTE applications (gull-wing)
DEV
Q312
3.7.1
BLF8G22LS-270GV
Gen8 ceramic LDMOS transistor for WCDMA & LTE applications (gull-wing)
DEV
Q312
3.7.1
BLF8G22LS-400PGV
Gen8 ceramic push-pull LDMOS transistor for WCDMA & LTE applications (gull-wing)
DEV
Q312
3.7.1
BLF8G24L(S)-200P
Gen8 ceramic push-pull LDMOS transistor for WCDMA & LTE applications
DEV
Q312
3.7.1
BLF8G27LS-140G
Gen8 ceramic LDMOS transistor for WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLF8G27LS-140V
Gen8 ceramic LDMOS transistor for WCDMA & LTE applications
DEV
Q412
3.7.1
BLF8G27LS-200PGV
Gen8 ceramic push-pull LDMOS transistor for WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLF8G27LS-280PGV
Gen8 ceramic push-pull LDMOS transistor for WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLM7G22S-60PB(G)
Gen7 LDMOS MMIC for WCDMA applications (gull-wing)
DEV
Q312
3.7.1
BLP7G07S-140P(G)
Gen7 OMP push-pull LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLP7G09S-140P(G)
Gen7 OMP push-pull LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
DEV
Q412
3.7.1
BLP7G22-10
Gen7 OMP LDMOS transistor for WCDMA & GSM applications
DEV
Q312
3.7.1
NEW: RF power transistors for broadcast / ISM applications
BLF174XR(S)
XR ceramic push-pull LDMOS transistor for ISM applications
DEV
Q312
3.7.2
BLF178XR(S)
XR ceramic push-pull LDMOS transistor for FM broadcast & ISM applications
RFS
Released
3.7.2
BLF2425M6L(S)180P
Gen6 ceramic push-pull LDMOS transistor for 2.45 GHz ISM applications
DEV
Q312
3.7.2
BLF2425M7L(S)140
Gen7 ceramic LDMOS transistor for 2.45GHz ISM applications
RFS
Released
3.7.2
BLF2425M7L(S)200
Gen7 ceramic LDMOS transistor for 2.45GHz ISM applications
DEV
Q412
3.7.2
BLF2425M7L(S)250P
Gen7 ceramic push-pull LDMOS transistor for 2.45 GHz ISM applications
RFS
Released
3.7.2
BLF25M612(G)
Gen6 ceramic LDMOS driver transistor for 2.45 GHz ISM applications (gull-wing)
DEV
Q312
3.7.2
BLF572XR(S)
XR ceramic push-pull LDMOS transistor for ISM applications
DEV
Q412
3.7.2
BLF574XR(S)
XR ceramic push-pull LDMOS transistor for ISM applications
DEV
Q312
3.7.2
BLF578XR(S)
XR ceramic push-pull LDMOS transistor for UHF broadcast & ISM applications
RFS
Released
3.7.2
BLF647P(S)
Ceramic push-pull LDMOS transistor for broadband applications
DEV
Q312
3.7.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com