Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 57Page - NXP Semiconductors BLF145 Datasheet HTML 58Page - NXP Semiconductors BLF145 Datasheet HTML 59Page - NXP Semiconductors BLF145 Datasheet HTML 60Page - NXP Semiconductors BLF145 Datasheet HTML 61Page - NXP Semiconductors BLF145 Datasheet HTML 62Page - NXP Semiconductors BLF145 Datasheet HTML 63Page - NXP Semiconductors BLF145 Datasheet HTML 64Page - NXP Semiconductors BLF145 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
62
NXP Semiconductors RF Manual 16th edition
Application diagram
001aan955
external
active
antenna
BPF
LNA
SPDT
embedded
antenna
BPF
LNA
BPF
GPS
RECEIVER
IC
Type
Package
Packagesize
MMIC*
SMD's
Appl.
SMDsize
SMD's
area
Appl.area
X
Y
Pins Pitch Area
X
Y
mm
mm
mm
#
mm
mm2
#
mm
mm
mm2
mm2
BGU7005/7
SOT886
1.45 x 1
1.7
1.25
6
0.5
2.13
2
1.5
0.8
2.4
4.53
Competitor
Wafer-level package
1.26 x 0.86
1.5
1.1
6
0.4
1.65
6
1.5
0.8
7.2
8.85
Competitor
Wafer-level package
0.86 x 0.86
1.1
1.1
4
0.4
1.21
4
1.5
0.8
4.8
6.01
Competitor
Thin small leadless package
2 x 1.3
2.25
1.55
6
0.5
3.49
4
1.5
0.8
4.8
8.29
Competitor
Thin small leadless package
1.4 x 1.26
1.65
1.5
6
0.48
2.48
4
1.5
0.8
4.8
7.28
Competitor
Thin small outline non-leaded
1.5 x 1.5
1.75
1.75
6
0.5
3.06
5
1.5
0.8
6
9.06
* Includes keep-out area on PCB (a commonly used assembly rule)
Smallest footprint
@ 1.575 GHz
Type
Package
Supply
voltage
Supply current
Insertion power gain
Noise
figure
Input power at 1 dB gain
compression
Input third-order intercept point
f
1 = 1713 MHz, f2 = 1851 MHz
V
cc
I
cc
|s
21|
2
NF
P
L(1dB)
IP3
i
(V)
(mA)
(dB)
(dB)
(dBm)
(dBm)
Min
Max
Min
Typ
Max
Min
Typ
Max
Typ
BGU7003
SOT891
2.2
2.85
3
-
15
16
18.3
20
0.8
-
-
-
-
-
-
-20
-
-
-
-
-
-
-
-
0
-
-
BGU7004^ SOT886
1.5
2.85
-
4.5
-
-
16.5*
-
0.9
-
-
-14 -11
-
-
-
-11 -8
-
-
5
9
-
-
-
5
12
BGU7005
SOT886
1.5
2.85
-
4.5
-
-
16.5*
-
0.9
-
-
-14 -11
-
-
-
-11 -8
-
-
5
9
-
-
-
5
12
BGU7007
SOT886
1.5
2.85
-
4.8
-
-
18.5**
-
0.9
-
-
-15 -12
-
-
-
-14 -11
-
-
1
4
-
-
-
2
5
BGU7008^ SOT886
1.5
2.85
-
4.8
-
-
18.5**
-
0.9
-
-
-15 -12
-
-
-
-14 -11
-
-
1
4
-
-
-
2
5
BGU8007
SOT886
1.5
2.2
-
4.6
-
-
19.0***
-
0.75#
-15 -12
-
-
-13 -10
-
-
-
1
4
-
-
2
5
-
-
-
SiGe:C GPS LNAs
^ AEC-Q101 qualified (some limitations apply)
#
Evaluation board losses excluded
* 16.5 dB without jammer / 17.5 dB with jammer
** 18.5 dB without jammer / 19.5 dB with jammer
*** 19.0 dB without jammer / 20.5 dB with jammer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com