Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 32Page - NXP Semiconductors BLF145 Datasheet HTML 33Page - NXP Semiconductors BLF145 Datasheet HTML 34Page - NXP Semiconductors BLF145 Datasheet HTML 35Page - NXP Semiconductors BLF145 Datasheet HTML 36Page - NXP Semiconductors BLF145 Datasheet HTML 37Page - NXP Semiconductors BLF145 Datasheet HTML 38Page - NXP Semiconductors BLF145 Datasheet HTML 39Page - NXP Semiconductors BLF145 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 130 page
background image
37
NXP Semiconductors RF Manual 16th edition
1.6.3 RF microwave furnace application
Application diagram
brb418
antenna
MPA
oscillator
HPA
isolator
CONTROLLER
Recommended products
Function
Product
Package
Type
Oscillator
RF transistor
SOT343R
BFG410W
BFG424W
BFG425W
SOT343F
BFG424F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
Product highlight:
New family for ISM 2.45 GHz
NXP's 6th and 7th generation LDMOS technology, along with advanced
packaging concepts, enables power amplifiers that deliver best-in-class
performance at 2.45 GHz. The unsurpassed ruggedness and low thermal
resistance, along with the intrinsic efficiency of the LDMOS process,
make these transistors ideally suited for furnace applications.
Features
` Excellent ruggedness
` Consistent device performance
` Low thermal resistance for unrivalled reliability
` Ease of design
Function
Product
Package
Type
MPA
(medium
power
amplifier)
MMIC
SOT89
BGA6289
BGA6489
BGA6589
SOT908
BGA7124
SOT89
BGA7024
SOT908
BGA7127
SOT89
BGA7027
SOT908
BGA7130
* Check status in section 3.1, as this type is not yet released for mass production
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
η
η
D (%)
G
p (dB)
test signal
Package
Type
HPA
Driver
1
2500
12
60
19
CW
SOT975
BLF25M612(G)
Final
2400
2500
180
55
12
CW
SOT539
BLF2425M6L(S)180P
2400
2500
140
52
17.5
CW
SOT502
BLF2425M7L(S)140*
2400
2500
200
52
15
CW
SOT502
BLF2425M7L(S)200
2400
2500
250
55
15
CW
SOT539
BLF2425M7L(S)250P*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com