Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 66Page - NXP Semiconductors BLF145 Datasheet HTML 67Page - NXP Semiconductors BLF145 Datasheet HTML 68Page - NXP Semiconductors BLF145 Datasheet HTML 69Page - NXP Semiconductors BLF145 Datasheet HTML 70Page - NXP Semiconductors BLF145 Datasheet HTML 71Page - NXP Semiconductors BLF145 Datasheet HTML 72Page - NXP Semiconductors BLF145 Datasheet HTML 73Page - NXP Semiconductors BLF145 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
71
NXP Semiconductors RF Manual 16th edition
2.6.2
CompletingNXP'sRFpowertransistoroffering:productsinplasticpackages(OMP)
NXP is currently developing a complete line of overmolded plastic (OMP) RF power
transistors and MMICs with peak powers ranging from 3 to 500 W. The main benefit of
plastic packages is cost effectiveness with little or no impact on performance. The range
of plastic devices will complement the extensive range of RF power products that NXP
offers in ceramic packages for all frequency ranges and applications up to 2.45 GHz.
Products in development
` Single-stage broadband drivers in HSOP-outlines, from
3 to 10 W
` Single-stage OMP drivers from 25 to 45 W, replacing
their ceramic equivalents for cost-sensitive applications
` Dual-stage MMICs from 30 to 60 W that can be used as
high-gain drivers or combined as low-power dual-stage
Doherty amplifiers
` Fully integrated plug-and-play Doherty PAs in a single
package (50 to 100 W)
` Final transistors in OMP package (SOT502-sized) ranging
from 140 to 200 W in frequency bands from 730 MHz
to 2.2 GHz
` Final transistors in OMP package (SOT502-sized) ranging
from 3 to 500 W in ISM frequency bands from a few MHz
up to 2.45 GHz
Some of these products are available for sampling now, while
the rest of the portfolio will be rolled out throughout 2012.
Type
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching Package
Description
BLP7G22-10
700
2200
10
-
SOT1179
Gen7 OMP LDMOS transistor for WCDMA & GSM applications
BLM7G22S-60PB(G)
2000
2200
60
I/O
SOT1212
Gen7 LDMOS MMIC for WCDMA applications (gull-wing)
BLP7G07S-140P(G)
700
900
140
O
SOT1224
Gen7 OMP push-pull LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
BLP7G09S-140P(G)
900
1000
140
O
SOT1224
Gen7 OMP push-pull LDMOS transistor for GSM, WCDMA & LTE applications (gull-wing)
RF power products in plastic packages (OMP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com