Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 69Page - NXP Semiconductors BLF145 Datasheet HTML 70Page - NXP Semiconductors BLF145 Datasheet HTML 71Page - NXP Semiconductors BLF145 Datasheet HTML 72Page - NXP Semiconductors BLF145 Datasheet HTML 73Page - NXP Semiconductors BLF145 Datasheet HTML 74Page - NXP Semiconductors BLF145 Datasheet HTML 75Page - NXP Semiconductors BLF145 Datasheet HTML 76Page - NXP Semiconductors BLF145 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
74
NXP Semiconductors RF Manual 16th edition
2.6.4
High-performance,small-sizepackagingenabledbyNXP'sleadlesspackageplatform
andWL-CSPtechnology
RF small-signal packaging is driven by two major trends which partly overlap
` Lower parasitics for better RF performance
` Smaller form factors for portable applications
To cope with these trends, NXP uses several approaches
` For non-space-restricted applications the use of flat-pack packages instead of gull-wing versions reduces the parasitic
impedance because of shorter lead length (e.g. SOT343F instead of SOT343). This results in better RF performance in
the Ku and Ka bands (13-20GHz). To reduce PCB board space, a smaller version (SOT1206) is also available.
SOT343
SOT343F
SOT1206
` For space-restricted applications there are two routes to reduce the form factor and parasitics:
- Leadless package platform
- Wafer Level Chip Scale Package (WL-CSP) technology
The leadless package (UTLP) platform (>25 variants already
released) is highly flexible with respect to package size,
package height, and I/O pitch. For example, the 6-pin
packages range in size from 1.45 x 1 x 0.5 mm with 0.5 mm
pitch to 0.8 x 0.8 x 0.35 mm with 0.3 mm pitch. Package height
of 0.25 mm is planned.
Because of the compact size of the design, wire lengths and
parasitic impedance are also restricted. The absence of leads
further reduces the inductance.
Wafer Level Chip Scale Package technology is ideally for
RF functions where the I/O pitch has to fit within the chip
area. With larger pitches and smaller designs (and thus little
effective chip area), it is more cost-effective to do the fan-out
using a leadless package instead of increasing the chip size.
The absence of wires gives the lowest parasitic inductance
available.
SOT886
SOT891
SOT1208
0.65 x 0.44 x 0.29 mm (incl. 0.09 mm balls)
5 I/Os @ 0.22 mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com