Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 98Page - NXP Semiconductors BLF145 Datasheet HTML 99Page - NXP Semiconductors BLF145 Datasheet HTML 100Page - NXP Semiconductors BLF145 Datasheet HTML 101Page - NXP Semiconductors BLF145 Datasheet HTML 102Page - NXP Semiconductors BLF145 Datasheet HTML 103Page - NXP Semiconductors BLF145 Datasheet HTML 104Page - NXP Semiconductors BLF145 Datasheet HTML 105Page - NXP Semiconductors BLF145 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 130 page
background image
103
NXP Semiconductors RF Manual 16th edition
Customer evaluation kits and samples
Several kits are available for evaluation of our products. Boards
are provided with industry-standard RF connectors to facilitate
measurements and integration in your application. The features
and content of each kit are described on the NXP website and
are listed on the corresponding product page. On the Customer
Evaluation Kits page you can also find support materials, such
as the latest user manuals and software updates. You can order
small quantities of all products to build and evaluate prototypes.
To obtain a kit or order samples, please contact your local NXP
representative or authorized distributor.
4.4 Additionaldesign-insupport
If you need additional design-in support, please contact your
local NXP sales representative or authorized distributor. You can
also submit a question using the web form on the NXP website.
4.5 Applicationnotes
Product
category
Filename Description
Amplifiers
AN11152
Reducing the Spurs at RF_out caused by the biasing
choke during fast switching on and off in TDD system
Amplifiers
AN11148
BGU7003 1900MHz to 2100MHz LNA Application
PLL’s and
Oscillators
AN11144
Universal Single LNB with TFF101x FIMOD IC
Amplifiers
AN11135
Replacing HMC625 by NXP BGA7204
Amplifiers
AN11130
Bias module for 50 V GaN demonstration boards
Transistors
AN11118
BFU725F/N1 1.5 GHz LNA evaluation board
Amplifiers
AN11103
Externally-matched 900 MHz LNA using BGU7005
Transistors
AN11102
BFU725F/N1 2.4 GHz LNA evaluation board
Amplifiers
AN11101
BGU7007 GPS front end evaluation board
Amplifiers
AN11091
Ohmic FM LNA for embedded Antenna in Portable
applications with BGU6102
Amplifiers
AN11090
50 Ohm FM LNA for embedded Antenna in Portable
applications with BGU6102
Amplifiers
AN11086
BGU7003 LNA application for GPS L2 band
Amplifiers
AN11072
BGU7003 400MHz and 900 MHz applicaiton
Amplifiers
AN11068
BGU7005 matching options for improved LTE jammer
immunity
Transistors
AN11066
SDARS active antenna 1st stage LNA with BFU730F,
2.33 GHz
Amplifiers
AN11062
Broadband DVB-T UHF power amplifier with the
BLF888A
Amplifiers
AN11035
50 Ohm FM LNA for embedded Antenna in Portable
applications with BGU7003W
Amplifiers
AN11034
High Ohmic FM LNA for embedded Antenna in
Portable applications with BGU7003W
Transistors
AN11024
SDARS active antenna 2nd stage LNA with BFU690,
2.33 GHz
Transistors
AN11010
Single stage Ku band LNA using BFU730F
Transistors
AN11007
Single stage 5-6 GHz WLAN LNA with BFU730F
Transistors
AN11006
Single stage 2.3_2.7GHz LNA with BFU730F
Amplifiers
AN10967
BLF578 demo for 352 MHz 1kW CW power
Amplifiers
AN10953
BLF645 10 MHz to 600 MHz 120 W amplifier
Amplifiers
AN10951
1805 MHz to 1880 MHz asymmetrical Doherty amplifier
with the BLF7G20LS-90P and BLF7G21LS-160P
Amplifiers
AN10945
174 MHz to 230 MHz DVB-T power amplifier with the
BLF881
Amplifiers
AN10944
1930 MHz to 1990 MHz Doherty amplifier using the
BLF7G20LS-200
Amplifiers
AN10933
2.5 GHz to 2.7 GHz Doherty power amplifier using the
BLF7G27LS-150P
Amplifiers
AN10923
1.5GHz Doherty power amplifier for base station
applications using the BLF6G15L-250PBRN
Amplifiers
AN10921
BLF7G20LS-200 Doherty 1.805-1.88 GHz RF power
amplifier
Amplifiers
AN10896
Mounting and Soldering of RF transistors
Amplifiers
AN10885
Doherty RF performance analysis using the
BLF7G22LS-130
Amplifiers
AN10882
Dependency of BLF578 gate bias voltage on
temperature
Amplifiers
AN10869
Broadband DVB-T UHF power amplifier with the BLF888
Amplifiers
AN10858
174 MHz to 230 MHz DVB-T power amplifier with the
BLF578
Amplifiers
AN10847
Doherty RF performance using the BLF6G20-230PRN
Amplifiers
AN10800
Using the BLF578 in the 88 MHz to 108 MHz FM band
Amplifiers
AN10714
Using the BLF574 in the 88-108 MHz FM band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com