Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button ASL550 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 23Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 24Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 25Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
1) OIP3 is measured with two tones at an output power of +8 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +3 dBm/tone separated by 1 MHz
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
90
900
1800
2600
90
900
1800
2600
Noise Figure (dB)
1.7
2.2
2.5
3.4
1.7
2.1
2.4
3.4
Magnitude S21 (dB)
15.4
15
13.6
13.8
15.2
14.8
13.5
13.7
Magnitude S11 (dB)
-8
-7
-5
-7
-8
-7
-5
-7
Magnitude S22 (dB)
-13
-10
-4
-12
-13
-9
-4
-12
Output P1dB (dBm)
24
24
22.5
19.5
20.5
19
19
16
Output IP3 (dBm)
42
1)
39
1)
41
1)
37
1)
40
2)
38
2)
37
2)
35
2)
Device Voltage (V)
8
5
Current (mA)
120
95
90 ~ 2600 MHz
+8 V / +5 V
* Note: R1=open at 8V,
30 k
W at 5V
RF IN
RF OUT
ASL550
Vcc=8 V or 5 V
C1=100 pF
C3=68 pF
C4=1
mF
C2=100 pF
L2=15 nH
R2=100
W
L1=220 nH
(Coil Inductor)
R1=30 k
W
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com