Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL550 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
.
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by
6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) 116 total channels, flat input; 77 analog channels (55 MHz to 550MHz) @ +20 dBmV
per channel; 39 digital channels (550 MHz to 750 MHz) @ 6 dB below analog channels,
measured at 335.25 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
S-parameters & Noise Figure
Frequency (MHz)
50
500
860
Noise Figure (dB)
2.0
2.0
2.2
Magnitude S21 (dB)
18.2
17.5
16.9
Magnitude S11 (dB)
-18
-18
-17
Magnitude S22 (dB)
-20
-20
-17
Output P1dB (dBm)
24
25
25
Output IP3
1) (dBm)
40
42
39.5
Output IP2
1),2) (dBm)
55
56
54
CSO
3) (dBc)
74
CTB
3) (dBc)
75
Device Voltage (V)
8
Current (mA)
120
Min. VSWR
CATV
50 ~ 1000 MHz
+8 V
0
100
200
300
400
500
600
700
800
900
1000 1100
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000 1100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (MHz)
-40
oc
25
oc
85
oc
C1=470 pF
C2=4.7 nF
Vcc=8 V
RF IN
RF OUT
C5=1
mF
ASL550
C4=0.3 pF
+
L3=390 nH
(Coil Inductor)
L2=8.2 nH
L1=330 nH
(Coil Inductor)
C3=0.75 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com