Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL550 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
Parameters
Units
Typical
Frequency
MHz
5
50
500
860
2600
Noise Figure
dB
2.9
2.0
2.0
2.2
3.6
Gain
dB
16.2
17.1
17.0
16.9
14.9
S11
dB
-17
-15
-15
-16
-8
S22
dB
-16
-14
-17
-20
-9
Output P1dB
dBm
26.5
23
24
24
19
Output IP3
1)
dBm
36.5
40
43
41.5
38
Output IP2
1),2)
dBm
72
53
54
53
-
CSO
3) (@ 355.25 MHz)
dBc
-
74
-
CTB
3) (@ 355.25 MHz)
dBc
-
75
-
Current
mA
240
120
120
Device Voltage
V
8
8
8
1) OIP3 and OIP2 are measured with two tones at an output power of +9 dBm/tone separated by 1 MHz(up-link) or 6 MHz(down-link).
2) OIP2 is measured at F1+F2 Frequency.
3) CSO & CTB was measured at 335.25 MHz.
For 116 flat channels at the input, measured at the output were 77 analog channels (55 MHz to 550 MHz) @ +20 dBmV per channel
and 39 digital channels (550 MHz to 750 MHz) @ 6 dB lower than that of the analog channel.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
500
Gain
dB
16.0
17.0
S11
dB
-12
-15
S22
dB
-13
-17
Output IP3
dBm
41
43
Noise Figure
dB
2.0
2.2
Output P1dB
dBm
23
24
Current
mA
100
120
142
Device Voltage
V
8
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+9 V
Operating Junction Temperature
+160
°C
Input RF Power (CW, 75 ohm matched)
8 dBm
Maximum Current
220 mA
Thermal Resistance
43
°C/W
Features
Description
Typical Performance
·
High Linearity 43 dBm OIP3
·
Low Noise Figure 2.0 dB
·
24 dBm P1dB
·
75 Ohm Input / Output Match
·
Bandwidth 5~1000 MHz
·
Single Supply 8 V
The ASL550, a wideband linear amplifier MMIC,
has a high linearity and low noise over a wide range
of frequency 5 MHz to 1 GHz, being suitable for use
in the fiber receiver, distribution amplifiers and drop
amplifiers of CATV systems, and in the mobile wire-
less repeaters and BTS. The amplifier is available in
an SOT-89 package and passes through the strin-
gent DC, RF, and reliability tests.
Application Circuit
·
50 ~ 1000 MHz
(Gain Flatness: 8 V)
·
50 ~ 1000 MHz (High Linearity)
·
50 ~ 1000 MHz
(Gain Flatness, 5 V)
·
50 ~ 1000 MHz
(Gain Flatness, 6 V)
·
50 ~ 1000 MHz
(Positive Gain Slope)
·
50 ~ 1000 MHz (Min. VSWR)
·
50 ~ 1000 MHz (Low Gain)
·
5 ~ 200 MHz (8V / 5V)
·
5 ~ 200 MHz (Min. VSWR)
·
950 ~ 2600 MHz (SMATV)
·
90 ~ 2600 MHz
·
50 ~ 1000 MHz
(Push-Pull / 2:1 transformer)
·
50 ~ 1000 MHz
(Push-Pull / 1:1 transformer)
·
5 ~ 200 MHz
(Push-Pull / 2:1 transformer)
·
5 ~ 200 MHz
(Push-Pull / 1:1 transformer)
Product Specifications
ASL550
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias
Absolute Maximum Ratings


Similar Part No. - ASL550

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL550 ASB-ASL550 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
More results

Similar Description - ASL550

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL380 ASB-ASL380 Datasheet
672Kb / 7P
Wideband Linear Amplifier MMIC
March 2012
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
Wideband Linear Amplifier MMIC
August 2012
ASL522 ASB-ASL522 Datasheet
536Kb / 6P
Wideband Linear Amplifier MMIC
July 2011
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
Wideband Linear Amplifier MMIC
October 2012
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
Wideband Linear Amplifier MMIC
June 2017
ASL390 ASB-ASL390_17 Datasheet
828Kb / 10P
Wideband Linear Amplifier MMIC
April 2017
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
Wideband Linear Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com