Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASL550 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
.
1) OIP3 is measured with two tones at an output power of +9 dBm/tone separated by
6 MHz.
2) 116 total channels, flat input; 77 analog channels (55 MHz to 550MHz) @ +20 dBmV
per channel; 39 digital channels (550 MHz to 750 MHz) @ 6 dB below analog channels,
measured at 335.25 MHz.
0
100
200
300
400
500
600
55
60
65
70
75
80
Frequency (MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Noise Figure (dB)
1.9
1.9
2.2
Magnitude S21 (dB)
15.9
16.6
16.9
Magnitude S11 (dB)
-15
-11
-12
Magnitude S22 (dB)
-10
-13
-20
Output P1dB (dBm)
23.5
25
24.5
Output IP3
1) (dBm)
40
42
40
CSO
2) (dBc)
74
CTB
2) (dBc)
75
Device Voltage (V)
8
Current (mA)
120
0
100
200
300
400
500
600
60
65
70
75
80
85
Frequency (MHz)
CSO & CTB
S-parameters
Positive Gain Slope
CATV
50 ~ 1000 MHz
+8 V
* Note: Gain slope can be adjusted
by L4 and R1 values at the
expense of S11 & S22.
C2=100 nF
C4=4.7 nF
Vcc=8 V
RF IN
RF OUT
C5=68 pF
C6=1
mF
ASL550
C1=100 pF
C3=0.3 pF
+
L3=220 nH
(Coil Inductor)
L2=5.6 nH
L1=270 nH
(Coil Inductor)
L4=47 nH
R1=120
W
0
100
200
300
400
500
600
700
800
900 1000 1100
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
S21
S12
S22
S11
Frequency [MHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com