Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

Back Button ASL550 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
.
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by
6 MHz.
2) 116 total channels, flat input; 77 analog channels (55 MHz to 550MHz) @ +20 dBmV
per channel; 39 digital channels (550 MHz to 750 MHz) @ 6 dB below analog channels,
measured at 335.25 MHz.
0
100
200
300
400
500
600
55
60
65
70
75
80
Frequency (MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Noise Figure (dB)
2.0
2.0
2.2
Magnitude S21 (dB)
17.8
17.5
16.8
Magnitude S11 (dB)
-16
-18
-16
Magnitude S22 (dB)
-20
-20
-16
Output P1dB (dBm)
24
25
25
Output IP3
1) (dBm)
40
42
43
CSO
2) (dBc)
74
CTB
2) (dBc)
75
Device Voltage (V)
8
Current (mA)
120
0
100
200
300
400
500
600
60
65
70
75
80
85
Frequency (MHz)
CSO & CTB
S-parameters & Noise Figure
100
200
300
400
500
600
700
800
900
1000 1100
0
1
2
3
4
5
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000 1100
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
S21
S12
S22
S11
Frequency [MHz]
Gain Flatness (1.0 dB)
CATV
50 ~ 1000 MHz
+8 V
C2=100 nF
C4=4.7 nF
Vcc=8 V
RF IN
RF OUT
C6=68 pF
C7=1
mF
ASL550
C1=100 pF
+
C5=220 pF
R1=22
W
L3=330 nH
(Coil Inductor)
L2=5.6 nH
(Coil Inductor)
L1=270 nH
(Coil Inductor)
C3=0.3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com