Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASL550 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
.
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by
6 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Noise Figure (dB)
2.1
2.2
2.5
Magnitude S21 (dB)
17.7
17.4
16.9
Magnitude S11 (dB)
-18
-18
-16
Magnitude S22 (dB)
-15
-22
-18
Output P1dB (dBm)
20
21
20
Output IP3
1) (dBm)
36
40
36.5
Device Voltage (V)
6
Current (mA)
92
S-parameters
Gain Flatness (0.8 dB)
CATV
50 ~ 1000 MHz
+6 V
0
100
200
300
400
500
600
700
800
900 1000 1100
0
5
10
15
20
25
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
* Note: RB is in case of other supply
voltages than 8V and the
value is chosen considering
the current and OIP3
C2=100 nF
C3=4.7 nF
Vcc=6 V
RF IN
RF OUT
C5=68 pF
C6=1
mF
ASL550
C1=100 pF
+
C4=120 pF
R1=20
W
L3=300 nH
(Coil Inductor)
L2=6.8 nH
L1=220 nH
(Coil Inductor)
B
R =75 k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com