Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL550 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 6 MHz.
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 1000 MHz)
Gain vs. Temperature
CSO & CTB
0
100
200
300
400
500
600
55
60
65
70
75
80
Frequency (MHz)
0
100
200
300
400
500
600
60
65
70
75
80
85
Frequency (MHz)
-60
-40
-20
0
20
40
60
80
100
60
80
100
120
140
160
180
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
10
12
14
16
18
20
22
Temperature (
oC)
Frequency = 1000 MHz
-60
-40
-20
0
20
40
60
80
100
20
22
24
26
28
30
Temperature (
oC)
Frequency = 1000 MHz
8
9
10
11
12
13
14
15
16
17
0
10
20
30
40
50
60
P
out per Tone (dBm)
-40
oc
25
oc
85
oc
Frequency (MHz)
50
500
860
Noise Figure (dB)
2.0
2.0
2.2
Magnitude S21 (dB)
16.7
16.4
16.7
Magnitude S11 (dB)
-15
-14
-11
Magnitude S22 (dB)
-13
-17
-11
Output P1dB (dBm)
17
20
19
Output IP3
1) (dBm)
31
36
33.5
Supply Voltage (V)
4.8
Current (mA)
55
Typical Performance (at 4.8V / 55mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com