Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL550 Datasheet(PDF) 16 Page - Advanced Semiconductor Business Inc.

Part # ASL550
Description  Wideband Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL550 Datasheet(HTML) 16 Page - Advanced Semiconductor Business Inc.

Back Button ASL550 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASL550 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16/25
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
September 2012
ASL550
Wideband Linear Amplifier MMIC
.
1) OIP3 is measured with two tones at an output power of +9 dBm/tone separated
by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
5
50
200
Noise Figure (dB)
2.3
2.1
2.3
Magnitude S21 (dB)
16.0
16.5
16.0
Magnitude S11 (dB)
-15
-16
-15
Magnitude S22 (dB)
-10
-15
-14
Output P1dB (dBm)
21
25.5
25.5
Output IP3
1) (dBm)
31
43
43
Device Voltage (V)
8
Current (mA)
120
S-parameters
CATV
5 ~ 200 MHz
+8 V
RF IN
RF OUT
ASL550
Vcc=8 V
C1=10 nF
C2=470 pF
C4=10 uF
L1=27 uH
L4=1.5 uH
R1=90
W
L2=1.8 uH
C3=1 nF
R2=1.6 k
W
L3=8.2 uH
R3=160
W
0
50
100
150
200
0
5
10
15
20
25
Frequency (MHz)
0
50
100
150
200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
50
100
150
200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com