Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 48Page - STMicroelectronics STPM01_11 Datasheet HTML 49Page - STMicroelectronics STPM01_11 Datasheet HTML 50Page - STMicroelectronics STPM01_11 Datasheet HTML 51Page - STMicroelectronics STPM01_11 Datasheet HTML 52Page - STMicroelectronics STPM01_11 Datasheet HTML 53Page - STMicroelectronics STPM01_11 Datasheet HTML 54Page - STMicroelectronics STPM01_11 Datasheet HTML 55Page - STMicroelectronics STPM01_11 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
STPM01 calibration
STPM01
52/60
Doc ID 10853 Rev 8
VDIV = (XV * VBG)/ (2 * GDIF * AV * Kv * GDF * GINT * BV)= 145,6 mV
Choosing R2 = 500
Ω (connected between V
I and VSS), the R1 resistor (connected between
VLINE and VIP) value is obtained:
R1 = R2 * (Vn - VDIV) / VDIV = 789,3 Ω
Indicating with IA and VA the real readings on the STPM01 RMS registers of voltage and
current, and with XI and XV ideal values of RMS current and voltage readings already
calculated, the final values for calibrators can be calculated as:
XV = (Kv * VA) / 0.875
XI = (Ki * IA) / 0.875
If the computed final calibration data would fall out of calibration data range, the energy
meter should be recognized as bad or the given presumptions and calculations above
should be checked. Otherwise, if the final data of calibrators would be written into energy
meter, the RMS readings should be very close to target values I and V and the frequency of
LED output should be very close to target value f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com