Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 25Page - STMicroelectronics STPM01_11 Datasheet HTML 26Page - STMicroelectronics STPM01_11 Datasheet HTML 27Page - STMicroelectronics STPM01_11 Datasheet HTML 28Page - STMicroelectronics STPM01_11 Datasheet HTML 29Page - STMicroelectronics STPM01_11 Datasheet HTML 30Page - STMicroelectronics STPM01_11 Datasheet HTML 31Page - STMicroelectronics STPM01_11 Datasheet HTML 32Page - STMicroelectronics STPM01_11 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
29/60
In a practical example where APL = 2, and the desired P is 64000 pulses/kWh (= 17.7
Hz*kW), we have:
KAW = 7.63*10-6 Wh
This means that the reading of 0x00001 in the active energy register represents 7.63 µWh,
while 0xFFFFF represents 8 Wh.
8.15
Driving a stepper motor (standalone)
When used in standalone mode (APL = 2 or APL = 3), the STPM01 is able to directly drive a
stepper motor. From signal AW, a stepper driving signals MA and MB are generated by
means of internal divider, mono-flop and decoder. The MA and MB signals are brought to
the MOP and MON pins that are able to drive the stepper motor. Several kinds of selections
are possible for the driving signals according to the configuration bits LVS and KMOT.
The numbers of pulses per kWh (PM) in the MOP and MON outputs are linked with the
number of pulses of the LED P (see previous paragraph) pin with the following relationship:
The mono-flop limits the length of the pulses according to the LVS bit value.
The decoder distributes the pulses to MA and MB alternatively, which means that each of
them has only a half of selected frequency.
Negative power is computed with its own sign, and the MOP and MON signals invert their
logic state in order to make the backward rotation direction of the motor. See the diagram
below.
Table 13.
Configuration of MOP and MON pins
LVS (1 Bit)
KMOT (2 Bits)
Pulses length
PM
0
0
31.25 ms
P/64
0
1
31.25 ms
P/128
0
2
31.25 ms
P/32
0
3
31.25 ms
P/256
1
0
156.25 ms
P/640
1
1
156.25 ms
P/1280
1
2
156.25 ms
P/320
1
3
156.25 ms
P/2560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com