Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 20Page - STMicroelectronics STPM01_11 Datasheet HTML 21Page - STMicroelectronics STPM01_11 Datasheet HTML 22Page - STMicroelectronics STPM01_11 Datasheet HTML 23Page - STMicroelectronics STPM01_11 Datasheet HTML 24Page - STMicroelectronics STPM01_11 Datasheet HTML 25Page - STMicroelectronics STPM01_11 Datasheet HTML 26Page - STMicroelectronics STPM01_11 Datasheet HTML 27Page - STMicroelectronics STPM01_11 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Theory of operation
STPM01
24/60
Doc ID 10853 Rev 8
When a no load condition occurs (BIL=1) the integration of power is suspended and the
tamper module is disabled.
In standalone mode, if a no load condition is detected, the BIL signal blocks generation of
pulses for stepper and forces SCLNLC pin to be low. If APL = 2 (see Section 8.14) the LED
pin continues providing the high frequency pulses, while if APL = 3, the pulses are stopped
as happens for MOP and MON.
In peripheral mode, the BIL signal can be accessed only through the SPI interface.
8.9
Error detection
In addition to the no load condition and the line frequency band, the integration of power can
be suspended also due to detected error on the source signals.
There are two kinds of error detection circuits involved. The first checks all the
∑ Δ signals
from the analog part if any is stacked at 1 or 0 within the 1/128 of fCLK period of observation.
In case of detected error the corresponding
∑ Δ signal is replaced with an idle ∑ Δ signal,
which represents a constant value 0. All error and other resolved flags are treated as bits of
a device status and can be read out by means of SPI interface.
Another error condition occurs if the MOP, MON and LED pin outputs signals are different
from the internal signals that drive them. This can occur if some of this pin is forced to GND
or to some other imposed voltage value. In this case the internal status bit PIN is activated
providing the information that some hardware problem has been detected, for example the
stepper motor has been mechanically blocked.
8.10
Tamper detection module
The STPM01 is able to measure the current in both live and neutral wire with a time domain
multiplexing approach on a unique sigma delta modulator. This mechanism is adopted to
implement anti-tamper function. If this function is selected (see Table 9), the live and neutral
wire currents are monitored; when the difference between the two measurements exceeds a
rated threshold the STPM01 enters the "tamper state", while in "normal state" the two
measurements are below the threshold.
In particular, both channels are not observed all the time, rather a time multiplex mechanism
is used. During the observation time of each channel, its active energy is calculated. A
tamper condition occurs when the absolute value of the difference between the two active
energy values is greater than a certain percentage of the averaged energy during the
activated tamper module (see Equation 1: ).
This percentage value can be selected between two different values (12.5 % and 6.25 %)
according to the value of the configuration bit CRIT.
The tamper condition is detected when the following formula is satisfied:
Equation 1
EnergyCH1 - EnergyCH2 > KCRIT (EnergyCH1 + EnergyCH2)/2;
where KCRIT can be 12.5 % or 6.25 %.
The detection threshold is much higher than the accuracy difference of the current channels,
which should be less than 0.2 %, but, some headroom should be left for possible transition
effect, due to accidental synchronism of actual load current change with the rhythm of taking
the energy samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com